Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4922-E/P Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP4922-E/P
Description  12-Bit DAC with SPI??Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4922-E/P Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP4922-E/P Datasheet HTML 5Page - Microchip Technology MCP4922-E/P Datasheet HTML 6Page - Microchip Technology MCP4922-E/P Datasheet HTML 7Page - Microchip Technology MCP4922-E/P Datasheet HTML 8Page - Microchip Technology MCP4922-E/P Datasheet HTML 9Page - Microchip Technology MCP4922-E/P Datasheet HTML 10Page - Microchip Technology MCP4922-E/P Datasheet HTML 11Page - Microchip Technology MCP4922-E/P Datasheet HTML 12Page - Microchip Technology MCP4922-E/P Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
© 2007 Microchip Technology Inc.
DS21897B-page 9
MCP4921/4922
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V , AVSS = 0V, VREF = 2.048V, Gain = 2, RL = 5 kΩ, CL = 100 pF.
FIGURE 2-6:
INL vs. Code and Ambient
Temperature.
FIGURE 2-7:
Absolute INL vs. Ambient
Temperature.
FIGURE 2-8:
Absolute INL vs. VREF.
FIGURE 2-9:
INL vs. Code and VREF.
FIGURE 2-10:
INL vs. Code.
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
1024
2048
3072
4096
Code (Decimal)
125C
85
25
Ambient Temperature
0
0.5
1
1.5
2
2.5
-40
-20
0
20
40
60
80
100
120
Ambient Temperature (ºC)
0
0.5
1
1.5
2
2.5
3
12345
Voltage Reference (V)
Note:
Single device graph (Figure 2-10) for
illustration of 64 code effect.
-4
-3
-2
-1
0
1
2
3
0
1024
2048
3072
4096
Code (Decimal)
1
2
3
4
5.5
V
REF
-6
-4
-2
0
2
0
1024
2048
3072
4096
Code (Decimal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com