Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1256 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP1256
Description  Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1256 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP1256 Datasheet HTML 6Page - Microchip Technology MCP1256 Datasheet HTML 7Page - Microchip Technology MCP1256 Datasheet HTML 8Page - Microchip Technology MCP1256 Datasheet HTML 9Page - Microchip Technology MCP1256 Datasheet HTML 10Page - Microchip Technology MCP1256 Datasheet HTML 11Page - Microchip Technology MCP1256 Datasheet HTML 12Page - Microchip Technology MCP1256 Datasheet HTML 13Page - Microchip Technology MCP1256 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MCP1256/7/8/9
DS21989A-page 10
© 2006 Microchip Technology Inc.
TYPICAL PERFORMANCE CURVES (CONTINUED)
NOTE: Unless otherwise indicated, CIN = COUT = 10 μF, C1 = C2 = 1 μF, IOUT = 10 mA, and TA= +25°C.
FIGURE 2-25:
Load Transient Response -
Normal 2x Mode.
FIGURE 2-26:
Load Transient Response -
Normal 1.5x Mode.
FIGURE 2-27:
Line Transient Response.
FIGURE 2-28:
Line Transient Response.
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
Time (μs)
-0.60
-0.50
-0.40
-0.30
-0.20
-0.10
0.00
0.10
0.20
VIN = 2.4V
VOUT
IOUT
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
Time (μs)
-0.60
-0.50
-0.40
-0.30
-0.20
-0.10
0.00
0.10
0.20
VIN = 3.0V
VOUT
IOUT
0
1
2
3
4
5
6
7
8
Time (μs)
-0.60
-0.50
-0.40
-0.30
-0.20
-0.10
0.00
0.10
0.20
IOUT = 10 mA
VOUT
VIN
0
1
2
3
4
5
6
7
8
Time (μs)
-0.60
-0.50
-0.40
-0.30
-0.20
-0.10
0.00
0.10
0.20
IOUT = 100 mA
VOUT
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com