Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1256 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1256
Description  Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1256 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1256 Datasheet HTML 9Page - Microchip Technology MCP1256 Datasheet HTML 10Page - Microchip Technology MCP1256 Datasheet HTML 11Page - Microchip Technology MCP1256 Datasheet HTML 12Page - Microchip Technology MCP1256 Datasheet HTML 13Page - Microchip Technology MCP1256 Datasheet HTML 14Page - Microchip Technology MCP1256 Datasheet HTML 15Page - Microchip Technology MCP1256 Datasheet HTML 16Page - Microchip Technology MCP1256 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
© 2006 Microchip Technology Inc.
DS21989A-page 13
MCP1256/7/8/9
4.6
Power-Good Output (PGOOD)
For the MCP1256/8 devices, the PGOOD output is an
open-drain output that sinks current when the regulator
output voltage falls below 0.93VOUT (typical). If the reg-
ulator output voltage falls below 0.93VOUT (typical) for
less than 200 μs and then recovers, glitch immunity cir-
cuits prevent the PGOOD signal from transitioning low.
A 10 k
Ω to 1 MΩ pull-up resistor from PGOOD to VOUT
may be used to provide a logic output. If not used,
connect PGOOD to GND or leave unconnected.
PGOOD is high impedance when the output voltage is
in regulation. A logic low is asserted when the output
falls 7% (typical) below the nominal value. The PGOOD
output remains low until VOUT is within 3% (typical) of
its nominal value. On start-up, this pin indicates when
the output voltage reaches its final value. PGOOD is
high impedance when SHDN is low or when BYPASS
is low (MCP1258).
4.7
Low-Battery Output (LBO)
For the MCP1257/9 devices, the LBO output is an
open-drain output that sinks current when the input
voltage falls below a preset threshold. If the input volt-
age falls below the preset threshold for less than
200 μs and then recovers, glitch immunity circuits pre-
vent the LBO signal from transitioning low. A 10 k
Ω to
1M
Ω pull-up resistor from LBO to VOUT may be used
to provide a logic output. If not used, connect LBO to
GND or leave unconnected.
LBO is high impedance when the input voltage is above
the low-battery threshold voltage. A logic low is
asserted when the input falls below the low-battery
threshold voltage. The LBO output remains low until
VIN is above the low-battery threshold voltage plus the
low-battery hysteresis voltage. LBO is high impedance
when SHDN is low or when BYPASS is low
(MCP1259).
4.8
Soft-Start and Short-Circuit
Protection
The MCP1256/7/8/9 devices feature fold back short-
circuit protection. This circuitry provides an internal
soft-start function by limiting inrush current during
startup and also limits the output current to 150 mA
(typical), if the output is short-circuited to GND. The
internal soft-start circuitry requires approximately
175 μs, typical, from either initial power-up, release
from Shutdown, or release from BYPASS (MCP1258/9)
for the output voltage to be in regulation.
4.9
Thermal Shutdown
The MCP1256/7/8/9 devices feature thermal shutdown
with temperature hysteresis. When the die temperature
exceeds 160°C, the device shuts down. When the die
cools by 15°C, the MCP1256/7/8/9 automatically turns
back on again. If high die temperature is caused by out-
put overload and the load is not removed, the device
will turn on and off resulting in a pulsed output.
5.0
APPLICATIONS
5.1
Capacitor Selection
The style and value of capacitors used with the
MCP1256/7/8/9 family determine several important
parameters, such as output voltage ripple and charge
pump strength. To minimize noise and ripple, it is rec-
ommended that low ESR (0.1
Ω) capacitors be used for
both CIN and COUT. These capacitors should be
ceramic and should be 10 μF or higher for optimum
performance.
If the source impedance to VIN is very low, up to several
megahertz, CIN may not be required. Alternatively, a
somewhat smaller value of CIN may be substituted for
the recommended 10 μF, but will not be as effective in
preventing ripple on the VIN pin.
The value of COUT controls the amount of output volt-
age ripple present on VOUT. Increasing the size of
COUT will reduce output ripple at the expense of a
slower turn-on time from shutdown and a higher inrush
current.
The flying capacitors (C1 and C2) control the strength
of the charge pump and in order to achieve the maxi-
mum rated output current (100 mA), it is necessary to
have at least 1 μF of capacitance for the flying capaci-
tor. A smaller flying capacitor delivers less charge per
clock cycle to the output capacitor resulting in lower
available output current.
5.2
PCB Layout Issues
The MCP1256/7/8/9 devices transfer charge at high
switching frequencies producing fast, high peak, tran-
sient currents. As a result, any stray inductance in the
component layout will produce unwanted noise in the
system. Proper board layout techniques are required to
ensure optimum performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com