Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1256 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP1256
Description  Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1256 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP1256 Datasheet HTML 13Page - Microchip Technology MCP1256 Datasheet HTML 14Page - Microchip Technology MCP1256 Datasheet HTML 15Page - Microchip Technology MCP1256 Datasheet HTML 16Page - Microchip Technology MCP1256 Datasheet HTML 17Page - Microchip Technology MCP1256 Datasheet HTML 18Page - Microchip Technology MCP1256 Datasheet HTML 19Page - Microchip Technology MCP1256 Datasheet HTML 20Page - Microchip Technology MCP1256 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
© 2006 Microchip Technology Inc.
DS21989A-page 17
MCP1256/7/8/9
10-Lead Plastic Micro Small Outline Package (UN) (MSOP)
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" (0.254 mm) per side.
.037 REF
F
Footprint
Notes:
Revised 09-16-05
* Controlling Parameter
Mold Draft Angle Top
Mold Draft Angle Bott om
Foot Angle
Lead Width
Lead Thickness
β
α
c
B
φ
.003
.006
–
.009
Dimension Limits
Overall Height
Molded Package Thickness
Molded Package Width
Overall Length
Foot Length
Standoff
Overall Width
Number of Pins
Pitch
A
L
E1
D
A1
E
A2
.016
.024
.118 BSC
.118 BSC
.000
.030
.193 BSC
.033
MIN
p
n
Units
.020 BSC
NOM
10
INCHES
0.95 REF
–
0.23
.009
.012
0.08
0.15
–
–
0.23
0.30
MILLIMETERS*
0.50 BSC
0.85
3.00 BSC
3.00 BSC
0.60
4.90 BSC
.043
.031
.037
.006
0.40
0.00
0.75
MIN
MAX
NOM
1.10
0.80
0.15
0.95
MAX
10
5°
15°
5°
15°
–
–
–
0°
–
8°
5°
–
5°
–
15°
15°
JEDEC Equivalent: MO-187 BA
8°
0°
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
REF: Reference Dime
nsion, usually witho ut tolerance, for information purposes only.
See ASME Y14.5M
See ASME Y14.5M
Drawing No. C04-021
E
L
D
β
B
p
E1
n
φ
α
A2
1
2
c
A1
A
(F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com