Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8752 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # TDA8752
Description  Triple high speed Analog-to-Digital Converter ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8752 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button TDA8752 Datasheet HTML 21Page - NXP Semiconductors TDA8752 Datasheet HTML 22Page - NXP Semiconductors TDA8752 Datasheet HTML 23Page - NXP Semiconductors TDA8752 Datasheet HTML 24Page - NXP Semiconductors TDA8752 Datasheet HTML 25Page - NXP Semiconductors TDA8752 Datasheet HTML 26Page - NXP Semiconductors TDA8752 Datasheet HTML 27Page - NXP Semiconductors TDA8752 Datasheet HTML 28Page - NXP Semiconductors TDA8752 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
1999 Mar 09
25
Philips Semiconductors
Product specification
Triple high speed Analog-to-Digital
Converter (ADC)
TDA8752
tCOASTmax
maximum coast mode time
−−
40
lines
trecap
PLL recapture time
when coast mode is aborted
−
3
−
lines
tcap
PLL capture time
in start-up conditions
−−
5ms
Φstep
phase shift step
Tamb =25 °C
−
11.25
−
deg
ADCs
fs
maximum sampling frequency
TDA8752/6
60
−−
MHz
TDA8752/8
100
−−
MHz
INL
DC integral non linearity
from IC analog input to
digital output; ramp input;
fCLK = 100 MHz
−±0.5
±1.5
LSB
DNL
DC differential non linearity
from IC analog input to
digital output; ramp input;
fCLK = 100 MHz
−±0.5
±1.0
LSB
ENOB
effective number of bits
from IC analog input to
digital output; 10 kHz sine
wave input; ramp input;
fCLK = 100 MHz; note 1
−
7.4
−
bits
Signal-to-noise ratio
S/N
signal-to-noise ratio
maximum gain;
fCLK = 100 MHz
−
45
−
dB
minimum gain;
fCLK = 100 MHz
−
44
−
dB
Spurious free dynamic range
SFDR
spurious free dynamic range
maximum gain;
fCLK = 100 MHz
−
60
−
dB
minimum gain;
fCLK = 100 MHz
−
60
−
dB
Clock timing output (CKADCO, CKBO and CKAO)
ηext
ADC clock duty cycle
100 MHz output
45
50
55
%
fCLK(max)
maximum clock frequency
100
−−
MHz
Clock timing input (CKEXT)
fCLK(max)
maximum clock frequency
100
−−
MHz
tCPH
clock pulse width HIGH
3.6
−−
ns
tCPL
clock pulse width LOW
4.5
−−
ns
td(CLKO)
delay from CKEXT to
CKADCO
INV set to LOW
13.6
14.7
15.2
ns
INV set to HIGH
−−
ns
∆tsample
time difference between
samples
operating in the same supply
and temperature condition
−
0.1
0.3
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
t
CLK
2
----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com