Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS28EC20 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS28EC20
Description  20Kb 1-Wire EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS28EC20 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS28EC20 Datasheet HTML 1Page - Dallas Semiconductor DS28EC20 Datasheet HTML 2Page - Dallas Semiconductor DS28EC20 Datasheet HTML 3Page - Dallas Semiconductor DS28EC20 Datasheet HTML 4Page - Dallas Semiconductor DS28EC20 Datasheet HTML 5Page - Dallas Semiconductor DS28EC20 Datasheet HTML 6Page - Dallas Semiconductor DS28EC20 Datasheet HTML 7Page - Dallas Semiconductor DS28EC20 Datasheet HTML 8Page - Dallas Semiconductor DS28EC20 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
DS28EC20
20Kb 1-Wire EEPROM
GENERAL DESCRIPTION
The DS28EC20 is a 20480-bit, 1-Wire
® EEPROM
organized as 80 memory pages of 256 bits each. An
additional page is set aside for control functions.
Data is written to a 32-byte scratchpad, verified, and
then copied to the EEPROM memory. As a special
feature, blocks of eight memory pages can be write
protected or put in EPROM-Emulation mode, where
bits can only be changed from a 1 to a 0 state. The
DS28EC20 communicates over the single-conductor
1-Wire bus. The communication follows the standard
1-Wire protocol. Each device has its own unalterable
and unique 64-bit ROM registration number that is
factory lasered into the chip. The registration number
is used to address the device in a multidrop 1-Wire
net environment.
APPLICATIONS
Device Authentication
IEEE 1451.4 Sensor TEDS
Ink/Toner Cartridges
Medical Sensors
PCB Identification
Wireless Base Stations
ORDERING INFORMATION
PART
TEMP RANGE
PIN-
PACKAGE
DS28EC20+
-40°C to +85
°C
3 TO-92
DS28EC20+T
-40°C to +85
°C
3 TO-92, T&R
+ Denotes a lead-free package.
T = tape and reel
TYPICAL OPERATING CIRCUIT
PX.Y
µC
VCC
I/O
DS28EC20
GND
RPUP (300Ω
to 2.2k
Ω)
FEATURES
20480 Bits of Nonvolatile (NV) EEPROM
Partitioned into Eighty 256-Bit Pages
Individual 8-Page Groups of Memory Pages
(Blocks) can be Permanently Write Protected or
Put in OTP EPROM-Emulation Mode ("Write to
0")
Read and Write Access Highly Backward-
Compatible to Legacy Devices (e.g., DS2433)
256-Bit Scratchpad with Strict Read/Write
Protocols Ensures Integrity of Data Transfer
200k Write/Erase Cycle Endurance at +25°C
Unique Factory-Programmed 64-Bit Registration
Number Ensures Error-Free Device Selection
and Absolute Part Identity
Switchpoint Hysteresis and Filtering to Optimize
Performance in the Presence of Noise
Communicates to Host at 15.4kbps or 125kbps
Using 1-Wire Protocol
Low-Cost TO-92 Package
Operating Range: 5V ±5%, -40°C to +85°C
IEC 1000-4-2 Level 4 ESD Protection (8kV
Contact, 15kV Air, Typical) for I/O Pin
PIN CONFIGURATION
PIN 1 ---------- GND
PIN 2 ---------- I/O
PIN 3 ---------- N.C.
DALLAS
28EC20
BOTTOM VIEW
1
2
3
1
2
3
FOR TAPE-AND-
REEL THE LEADS
ARE FORMED TO
100 MILS (2.54mm)
SPACING VERSUS
50 MILS (1.27mm)
FOR BULK.
www.maxim-ic.com
Commands, bytes, and modes are capitalized for
clarity.
1-Wire is a registered trademark of Dallas Semiconductor Corp., a
wholly owned subsidiary of Maxim Integrated products, Inc.
1 of 24
REV: 071007


Similar Part No. - DS28EC20

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28EC20 MAXIM-DS28EC20 Datasheet
457Kb / 27P
20Kb 1-Wire EEPROM
REV: 040109
DS28EC20 MAXIM-DS28EC20 Datasheet
411Kb / 27P
20Kb 1-Wire EEPROM
Rev 4; 3/12
logo
Analog Devices
DS28EC20 AD-DS28EC20 Datasheet
683Kb / 28P
20Kb 1-Wire EEPROM
Rev 10; 1/24
logo
Maxim Integrated Produc...
DS28EC20+ MAXIM-DS28EC20+ Datasheet
457Kb / 27P
20Kb 1-Wire EEPROM
REV: 040109
DS28EC20+ MAXIM-DS28EC20+ Datasheet
411Kb / 27P
20Kb 1-Wire EEPROM
Rev 4; 3/12
More results

Similar Description - DS28EC20

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2430A DALLAS-DS2430A Datasheet
357Kb / 16P
256-Bit 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS2431 MAXIM-DS2431_08 Datasheet
283Kb / 25P
1024-Bit, 1-Wire EEPROM
Rev 6; 8/08
DS28EC20 MAXIM-DS28EC20 Datasheet
457Kb / 27P
20Kb 1-Wire EEPROM
REV: 040109
DS24B33_1105 MAXIM-DS24B33_1105 Datasheet
289Kb / 22P
1-Wire 4Kb EEPROM
Rev 1; 5/11
DS28EC20 MAXIM-DS28EC20_11 Datasheet
186Kb / 27P
20Kb 1-Wire EEPROM
Rev 3; 11/11
DS24B33_1203 MAXIM-DS24B33_1203 Datasheet
352Kb / 22P
1-Wire 4Kb EEPROM
Rev 2; 3/12
DS28EC20_1203 MAXIM-DS28EC20_1203 Datasheet
411Kb / 27P
20Kb 1-Wire EEPROM
Rev 4; 3/12
DS24B33_1205 MAXIM-DS24B33_1205 Datasheet
265Kb / 23P
1-Wire 4Kb EEPROM
Rev 3; 5/12
DS2433-Z01 MAXIM-DS2433-Z01 Datasheet
215Kb / 2P
4kbit 1-Wire EEPROM
32000
DS2433 MAXIM-DS2433 Datasheet
701Kb / 23P
4Kb 1-Wire EEPROM
19-5581; 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com