Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS28EC20 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS28EC20
Description  20Kb 1-Wire EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS28EC20 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS28EC20 Datasheet HTML 1Page - Dallas Semiconductor DS28EC20 Datasheet HTML 2Page - Dallas Semiconductor DS28EC20 Datasheet HTML 3Page - Dallas Semiconductor DS28EC20 Datasheet HTML 4Page - Dallas Semiconductor DS28EC20 Datasheet HTML 5Page - Dallas Semiconductor DS28EC20 Datasheet HTML 6Page - Dallas Semiconductor DS28EC20 Datasheet HTML 7Page - Dallas Semiconductor DS28EC20 Datasheet HTML 8Page - Dallas Semiconductor DS28EC20 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
DS28EC20: 20Kb 1-Wire EEPROM
4 of 24
PIN DESCRIPTION
NAME
FUNCTION
I/O
1-Wire Bus Interface. Open drain, requires external pullup resistor.
GND
Ground Reference
N.C.
Not Connected
DESCRIPTION
The DS28EC20 combines 20Kb of data EEPROM with a fully featured 1-Wire interface in a single chip. The
memory is organized as 80 pages of 256 bits each. In addition, the device has one page for control functions such
as permanent write protection and EPROM-Emulation mode for individual 2048-bit (8-page) memory blocks. A
volatile 256-bit memory page called the scratchpad acts as a buffer when writing data to the EEPROM to ensure
data integrity. Data is first written to the scratchpad, from which it can be read back for verification before
transferring it to the EEPROM. The operation of the DS28EC20 is controlled over the single-conductor 1-Wire bus.
Device communication follows the standard 1-Wire protocol. The energy required to read and write the DS28EC20
is derived entirely from the 1-Wire communication line. Each DS28EC20 has its own unalterable and unique 64-bit
registration number. The registration number guarantees unique identification and is used to address the device in
a multidrop 1-Wire net environment. Multiple DS28EC20 devices can reside on a common 1-Wire bus and be
operated independently of each other. Applications of the DS28EC20 include device authentication, analog-sensor
calibration such as IEEE-P1451.4 Smart Sensors TEDS, ink and toner print cartridge identification, medical-sensor
calibration data storage, PC board identification, and data for self-configuration of central office switches, wireless
base stations, PBXs, or other modular-based rack systems. The DS28EC20 provides a high degree of backward
compatibility with the DS2433. Besides the different family codes, the only protocol change that is required on an
existing DS2433 implementation is a lengthening of the programming duration (tPROG) from 5ms to 10ms.
Figure 1. Block Diagram
I/O
64-Bit
Registration #
1-Wire
Function Control
Memory
Function
Control Unit
Parasite Power
32-Byte
Scratchpad
Data Memory
80 Pages of
32 Bytes each
CRC16
Generator
Special Function
Registers
DS28EC20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com