Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24HJ128GP310 Datasheet(PDF) 45 Page - Microchip Technology

Part # PIC24HJ128GP310
Description  Flash Programming Specification
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ128GP310 Datasheet(HTML) 45 Page - Microchip Technology

Back Button PIC24HJ128GP310 Datasheet HTML 41Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 42Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 43Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 44Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 45Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 46Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 47Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 48Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 80 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70152D-page 45
dsPIC33F/PIC24H PROGRAMMING SPECIFICATION
TABLE 3-4:
dsPIC33F/PIC24H DEVICE CONFIGURATION REGISTER MAP
Note 1:
On the dsPIC33F General Purpose Family devices (dsPIC33FJXXXGPXXX) and PIC24H devices, these
bits are reserved (read as ‘1’ and must be programmed as ‘1’).
2:
These bits are only present in the dsPIC33FJ12GP201/202, dsPIC33FJ12MC201/202 and
PIC24HJ12GP201/202 devices. In all other devices, they are unimplemented (read as ‘0’).
3:
In the dsPIC33FJ12GP201/202, dsPIC33FJ12MC201/202 and PIC24HJ12GP201/202 devices, these bits
are reserved (read as ‘1’ and must be programmed as ‘1’).
3.6.2
PROGRAMMING METHODOLOGY
Configuration bits may be programmed a single byte at
a time using the PROGC command. This command
specifies the configuration data and Configuration
register
address.
When
Configuration
bits
are
programmed,
any
unimplemented
bits
must
be
programmed with a ‘0’ and any reserved bits must be
programmed with a ‘1’.
Twelve PROGC commands are required to program all
the Configuration bits. A flowchart for Configuration bit
programming is shown in Figure 3-5.
3.6.3
PROGRAMMING VERIFICATION
After the Configuration bits are programmed, the
contents of memory should be verified to ensure that
the programming was successful. Verification requires
the Configuration bits to be read back and compared
against the copy held in the programmer’s buffer. The
READC
command
reads
back
the
programmed
Configuration bits and verifies that the programming
was successful.
Any unimplemented Configuration bits are read-only
and read as ‘0’. The reserved bits are read-only and
read as ‘1’.
3.6.4
CODEGUARD SECURITY
CONFIGURATION BITS
The FBS, FSS and FGS Configuration registers are
special Configuration registers that control the size and
level of code protection for the Boot Segment, Secure
Segment and General Segment, respectively. For each
segment, two main forms of code protection are
provided. One form prevents code memory from being
written (write protection), while the other prevents code
memory from being read (read protection).
BWRP, SWRP and GWRP bits control write protection
and BSS<2:0>, SSS<2:0> and GSS<1:0> bits controls
read protection. The Chip Erase ERASEB command
sets all the code protection bits to ‘1’, which allows the
device to be programmed.
When write protection is enabled, any programming
operation to code memory will fail. When read protec-
tion is enabled, any read from code memory will cause
a ‘0x0’ to be read, regardless of the actual contents of
code memory. Since the programming executive
always verifies what it programs, attempting to program
code memory with read protection enabled will also
result in failure.
It is imperative that all code protection bits are ‘1’ while
the device is being programmed and verified. Only after
the device is programmed and verified should any of
the above bits be programmed to ‘0’.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0xF80000
FBS
RBS<1:0>(3)
—
BSS<2:0>
BWRP
0xF80002
FSS
RSS<1:0>(3)
—
SSS<2:0>(3)
SWRP(3)
0xF80004
FGS
—
GSS<1:0>
GWRP
0xF80006 FOSCSEL
IESO
—
TEMP
—
FNOSC<2:0>
0xF80008
FOSC
FCKSM<1:0>
IOL1WAY(2)
—
OSCIOFNC
POSCMD<1:0>
0xF8000A
FWDT
FWDTEN
WINDIS
-
WDTPRE
WDTPOST<3:0>
0xF8000C
FPOR
PWMPIN(1) HPOL(1)
LPOL(1)
ALTI2C(2)
—FPWRT<2:0>
0xF8000E
FICD
BKBUG
COE
JTAGEN
—
ICS<1:0>
0xF80010
FUID0
User Unit ID Byte 0
0xF80012
FUID1
User Unit ID Byte 1
0xF80014
FUID2
User Unit ID Byte 2
0xF80016
FUID3
User Unit ID Byte 3
Note:
If the General Code Segment Code-
Protect bit (GCP) is programmed to ‘0’,
code memory is code-protected and
can not be read. Code memory must
be verified before enabling read protec-
tion. See Section 3.6.4 “CodeGuard
Security Configuration Bits” for more
information about code-protect Configura-
tion bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com