Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24HJ128GP310 Datasheet(PDF) 74 Page - Microchip Technology

Part # PIC24HJ128GP310
Description  Flash Programming Specification
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ128GP310 Datasheet(HTML) 74 Page - Microchip Technology

Back Button PIC24HJ128GP310 Datasheet HTML 70Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 71Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 72Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 73Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 74Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 75Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 76Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 77Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 80 page
background image
dsPIC33F/PIC24H PROGRAMMING SPECIFICATION
DS70152D-page 74
Preliminary
© 2007 Microchip Technology Inc.
8.0
AC/DC CHARACTERISTICS
AND TIMING REQUIREMENTS
Table 8-1 lists AC/DC characteristics and timing
requirements.
TABLE 8-1:
AC/DC CHARACTERISTICS AND TIMING REQUIREMENTS
Standard Operating Conditions
Operating Temperature: –40
°C-85°C. Programming at 25°C is recommended.
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
D111
VDD
Supply Voltage During Programming
VDDCORE
3.60
V
Normal programming(1)
D112
IPP
Programming Current on MCLR
—5
μA
D113
IDDP
Supply Current During Programming
—
2
mA
D031
VIL
Input Low Voltage
VSS
0.2 VDD
V
D041
VIH
Input High Voltage
0.8 VDD
VDD
V
D080
VOL
Output Low Voltage
—
0.6
V
IOL = 8.5 mA @ 3.6V
D090
VOH
Output High Voltage
VDD – 0.7
—
V
IOH = -3.0 mA @ 3.6V
D012
CIO
Capacitive Loading on I/O pin (PGD)
—
50
pF
To meet AC specifications
D013
CF
Filter Capacitor Value on VCAP
110
μF
Required for controller core
P1
TPGC
Serial Clock (PGC) Period
136
—
ns
P1A
TPGCL
Serial Clock (PGC) Low Time
40
—
ns
P1B
TPGCH
Serial Clock (PGC) High Time
40
—
ns
P2
TSET1
Input Data Setup Time to Serial Clock
↓
15
—
ns
P3
THLD1
Input Data Hold Time from PGC
↓
15
—
ns
P4
TDLY1
Delay between 4-bit Command and
Command Operand
40
—
ns
P4A
TDLY1A
Delay between Command Operand and
Next 4-bit Command
40
—
ns
P5
TDLY2
Delay between Last PGC
↓ of Command
to First PGC
↑ of Read of Data Word
20
—
ns
P6
TSET2VDD
↑ Setup Time to MCLR ↑
100
—
ns
P7
THLD2
Input Data Hold Time from MCLR
↑
25
—
ms
P8
TDLY3
Delay between Last PGC
↓ of Command
Byte to PGD
↑ by Programming Executive
12
—
μs
P9a
TDLY4
Programming Executive Command
Processing Time
10
—
μs
P9b
TDLY5
Delay between PGD
↓ by Programming
Executive to PGD Released by
Programming Executive
15
23
μs
P10
TDLY6
PGC Low Time After Programming
400
—
ns
P11
TDLY7
Bulk Erase Time
200
—
ms
P12
TDLY8
Page Erase Time
20
—
ms
P13
TDLY9
Row Programming Time
1.5
—
ms
P14
TR
MCLR Rise Time to Enter ICSP mode
—
1.0
μs
P15
TVALID
Data Out Valid from PGC
↑
10
—
ns
P16
TDLY10
Delay between Last PGC
↓ and MCLR ↓
0—
s
P17
THLD3MCLR
↓ to VDD ↓
—
100
ns
Note 1: VDD must also be supplied to the AVDD pins during programming. AVDD and AVSS should always be
within ±0.3V of VDD and VSS, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com