Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24HJ128GP310 Datasheet(PDF) 56 Page - Microchip Technology

Part # PIC24HJ128GP310
Description  Flash Programming Specification
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ128GP310 Datasheet(HTML) 56 Page - Microchip Technology

Back Button PIC24HJ128GP310 Datasheet HTML 52Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 53Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 54Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 55Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 56Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 57Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 58Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 59Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 80 page
background image
dsPIC33F/PIC24H PROGRAMMING SPECIFICATION
DS70152D-page 56
Preliminary
© 2007 Microchip Technology Inc.
5.2.1
SIX SERIAL INSTRUCTION
EXECUTION
The SIX control code allows execution of dsPIC33F/
PIC24H Programming Specification assembly instruc-
tions. When the SIX code is received, the CPU is sus-
pended for 24 clock cycles, as the instruction is then
clocked into the internal buffer. Once the instruction is
shifted in, the state machine allows it to be executed over
the next four clock cycles. While the received instruction
is executed, the state machine simultaneously shifts in
the next 4-bit command (see Figure 5-2).
5.2.2
REGOUT SERIAL INSTRUCTION
EXECUTION
The REGOUT control code allows for data to be
extracted from the device in ICSP mode. It is used to
clock the contents of the VISI register out of the device
over the PGD pin. After the REGOUT control code is
received, the CPU is held Idle for 8 cycles. After these
eight cycles, an additional 16 cycles are required to clock
the data out (see Figure 5-3).
The REGOUT code is unique because the PGD pin is
an input when the control code is transmitted to the
device. However, after the control code is processed,
the PGD pin becomes an output as the VISI register is
shifted out.
FIGURE 5-2:
SIX SERIAL EXECUTION
FIGURE 5-3:
REGOUT SERIAL EXECUTION
Note 1: Coming out of Reset, the first 4-bit control
code is always forced to SIX and a forced
NOP
instruction is executed by the CPU.
Five additional PGC clocks are needed
on start-up, thereby resulting in a 9-bit
SIX command instead of the normal 4-bit
SIX command. After the forced SIX is
clocked in, ICSP operation resumes as
normal (the next 24 clock cycles load the
first instruction word to the CPU).
2: TBLRDH, TBLRDL, TBLWTH and TBLWTL
instructions must be followed by a NOP
instruction.
Note:
Data is transmitted on the falling edge and
latched on the rising edge of PGC. For all
data transmissions, the Least Significant
bit (LSb) is transmitted first.
P4
23
12
3
23 24
1
2
3
4
P1
PGC
P4a
PGD
24-Bit Instruction Fetch
Execute 24-Bit Instruction,
Execute PC – 1,
14
00
0
0
Fetch SIX Control Code
Fetch Next Control Code
45
6
7
8
18
19 20
21
22
17
LSB X
X
X
X
X
X
X
X
X
X
X
X
X
X MSB
PGD = Input
P2
P3
P1B
P1A
56
7
00
0
0
00
0
Only for
Program
Memory Entry
89
00
1
2
34
12
7
8
PGC
P4
PGD
PGD = Input
Execute Previous Instruction,
CPU Held in Idle
Shift Out VISI Register<15:0>
P5
PGD = Output
12
3
12
3
4
P4a
11
13
15 16
14
12
No Execution Takes Place,
Fetch Next Control Code
0
00
0
0
PGD = Input
MSb
1
2
3
4
1
45
6
LSb
14
13
12
...
11
10
0
Fetch REGOUT Control Code
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com