Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24HJ128GP310 Datasheet(PDF) 61 Page - Microchip Technology

Part # PIC24HJ128GP310
Description  Flash Programming Specification
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ128GP310 Datasheet(HTML) 61 Page - Microchip Technology

Back Button PIC24HJ128GP310 Datasheet HTML 57Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 58Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 59Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 60Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 61Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 62Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 63Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 64Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 80 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70152D-page 61
dsPIC33F/PIC24H PROGRAMMING SPECIFICATION
FIGURE 5-7:
PROGRAM CODE MEMORY FLOW
-
0000
0000
0000
0001
-
807600
887840
000000
<VISI>
Externally time ‘P13’ msec
(see Section TABLE 8-1: “AC/DC
Characteristics and Timing Requirements”
) to allow suffi-
cient time for the Row Program operation to complete.
MOV
NVMCON, W0
MOV
W0, VISI
NOP
Clock out contents of VISI register. Repeat until the WR bit
is clear.
Step 9: Reset device internal PC.
0000
0000
040200
000000
GOTO
0x200
NOP
Step 10: Repeat steps 3-9 until all code memory is programmed.
TABLE 5-5:
SERIAL INSTRUCTION EXECUTION FOR WRITING CODE MEMORY (CONTINUED)
Command
(Binary)
Data
(Hex)
Description
Start Write Sequence
All
locations
done?
No
Done
Start
Yes
Load 2 Bytes
to Write
Buffer at <Addr>
All
bytes
written?
No
Yes
and Poll for WR bit
to be cleared
N = 1
LoopCount = 0
Configure
Device for
Writes
N = 1
LoopCount =
LoopCount + 1
N = N + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com