Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD8821 Datasheet(PDF) 2 Page - NEC

Part # UPD8821
Description  7300 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD8821 Datasheet(HTML) 2 Page - NEC

  UPD8821 Datasheet HTML 1Page - NEC UPD8821 Datasheet HTML 2Page - NEC UPD8821 Datasheet HTML 3Page - NEC UPD8821 Datasheet HTML 4Page - NEC UPD8821 Datasheet HTML 5Page - NEC UPD8821 Datasheet HTML 6Page - NEC UPD8821 Datasheet HTML 7Page - NEC UPD8821 Datasheet HTML 8Page - NEC UPD8821 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
μ PD8821
Data Sheet S17961EJ2V0DS
BLOCK DIAGRAM
6
φR
25
φ1B
33
GND
5
VOD
37
VOUT2
38
VOUT1
…
Photocell
(Blue)
Transfer gate
CCD analog shift register
CCD analog shift register
...
Transfer gate
40
VOUT3
1
VOUT4
…
Photocell
(Green)
Transfer gate
CCD analog shift register
CCD analog shift register
...
Transfer gate
3
VOUT6
…
Photocell
(Red)
CCD analog shift register
...
Transfer gate
(Blue, odd)
(Green, odd)
(Green, even)
(Red, even)
(Red, odd)
(Blue, even)
26
φ2A
34
φ2L
35
φCP
15
φ1A
16
φ2B
4
VOUT5
Transfer gate
CCD analog shift register
9
φ2BO
32
φ1BO
39
GND
36
VOD
2
GND
7
φ2L
φTG1
23
φTG2
17
φTG3
24
10
φ1AO
8
GND
18
GND
31
φ2AO
30
HS-VOD
11
HS-VOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com