Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD8821 Datasheet(PDF) 21 Page - NEC

Part # UPD8821
Description  7300 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD8821 Datasheet(HTML) 21 Page - NEC

Back Button UPD8821 Datasheet HTML 16Page - NEC UPD8821 Datasheet HTML 17Page - NEC UPD8821 Datasheet HTML 18Page - NEC UPD8821 Datasheet HTML 19Page - NEC UPD8821 Datasheet HTML 20Page - NEC UPD8821 Datasheet HTML 21Page - NEC UPD8821 Datasheet HTML 22Page - NEC UPD8821 Datasheet HTML 23Page - NEC UPD8821 Datasheet HTML 24Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
μ PD8821
Data Sheet S17961EJ2V0DS
RECOMMENDED SOLDERING CONDITIONS
When soldering this product, it is highly recommended to observe the conditions as shown below.
If other soldering processes are used, or if the soldering is performed under different conditions, please make sure
to consult with our sales offices.
Type of Through-hole Device
μPD8821CZ-A: CCD linear image sensor 40-pin plastic DIP with heat sink (15.24 mm (600))
Process
Conditions
Partial heating method
Pin temperature: 380°C or below, Heat time: 3 seconds or less (per pin).
Cautions 1. During assembly care should be taken to prevent solder or flux from contacting the glass cap.
The optical characteristics could be degraded by such contact.
2. Soldering by the solder flow method may have deleterious effects on prevention of glass cap
soiling and heat resistance. So the method cannot be guaranteed.
NOTES OF HANDLING THE PACKAGES
The application of an excessive load to the package may cause the package to warp or break, or cause chips to
come off internally. Particular care should be taken when mounting the package on the circuit board. You should not
reform the lead frame. We recommend to use a IC-inserter when you assemble to PCB.
For this product, the reference value for the three-point bending strength Note is 280 [N] (at distance between
supports: 70 mm). Avoid imposing a load, however, on the inside portion as viewed from the face on which the window
(glass) is bonded to the package body.
Note Three-point bending strength test Distance between supports:70mm, Support R:R2mm, Loading
rate:0.5mm/min.
70 mm
70 mm
Load
Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com