Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD8821 Datasheet(PDF) 5 Page - NEC

Part # UPD8821
Description  7300 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD8821 Datasheet(HTML) 5 Page - NEC

  UPD8821 Datasheet HTML 1Page - NEC UPD8821 Datasheet HTML 2Page - NEC UPD8821 Datasheet HTML 3Page - NEC UPD8821 Datasheet HTML 4Page - NEC UPD8821 Datasheet HTML 5Page - NEC UPD8821 Datasheet HTML 6Page - NEC UPD8821 Datasheet HTML 7Page - NEC UPD8821 Datasheet HTML 8Page - NEC UPD8821 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
Data Sheet S17961EJ2V0DS
μ PD8821
ELECTRICAL CHARACTERISTICS
TA = +25°C, VOD = +10 V, fφ R = 1 MHz, data rate = 2 MHz, storage time = 10 ms, input clock = 5 Vp-p
light source (except Response2): 3200 K halogen lamp + C-500S (infrared cut filter, t = 1 mm)+ HA-50 (heat absorbing filter, t = 3 mm)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Saturation voltage
Vsat
1.2
1.5
–
V
Red
SER
–
0.15
–
lx
•s
Green
SEG
–
0.19
–
lx
•s
Saturation exposure
Blue
SEB
3200K+C500S+HA50
–
0.35
–
lx
•s
Photo response non-uniformity
PRNU
VOUT = 1 V
–
6.0
18.0
%
Average dark signal
ADS
Light shielding
–
1.0
5.0
mV
Dark signal non-uniformity
DSNU
Light shielding
–
2.0
10.0
mV
Power consumption
PW
–
640
740
mW
Output impedance
ZO
–
0.2
0.4
k
Ω
Red
RR
6.86
9.8
12.74
V/lx
•s
Green
RG
5.53
7.9
10.27
V/lx
•s
Response1
Blue
RB
3200K+C500S+HA50
3.01
4.3
5.59
V/lx
•s
Red
–
610
–
nm
Green
–
535
–
nm
Response peak
Blue
–
460
–
nm
Image lag
IL
VOUT = 1 V
–
1.0
5.0
%
Offset level
VOS
3.5
4.5
5.5
V
Output fall delay time Note
td
t6L = 3 ns
6.0
7.0
8.0
ns
Register imbalance
RI
VOUT = 1 V
–
0
4
%
Total transfer efficiency
TTE
VOUT = 1 V, fφ R = 30 MHz
94
98
–
%
DR1
Vsat/DSNU
–
750
–
times
Dynamic range
DR2
Vsat/
σ
–
3000
–
times
RFTN1
–1000
–200
+500
mV
Reset feed-through noise
RFTN2
Light shielding
–1000
–200
+500
mV
Light shielding random noise
σ dark
Bit clamp, t17 > 4 ns
–
0.5
–
mV
Note td is defined as period from 10% of
φ2L of VOUT1 to VOUT6, and td is reference data after VOUT1 to VOUT6 pins
with FET proving.
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com