Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD8821 Datasheet(PDF) 3 Page - NEC

Part # UPD8821
Description  7300 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD8821 Datasheet(HTML) 3 Page - NEC

  UPD8821 Datasheet HTML 1Page - NEC UPD8821 Datasheet HTML 2Page - NEC UPD8821 Datasheet HTML 3Page - NEC UPD8821 Datasheet HTML 4Page - NEC UPD8821 Datasheet HTML 5Page - NEC UPD8821 Datasheet HTML 6Page - NEC UPD8821 Datasheet HTML 7Page - NEC UPD8821 Datasheet HTML 8Page - NEC UPD8821 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
Data Sheet S17961EJ2V0DS
μ PD8821
PIN CONFIGURATION (Top View)
CCD linear image sensor 40-pin plastic DIP with heat sink (15.24 mm (600))
μ PD8821CZ-A
Output signal 4 (Green-even)
Ground
Output signal 6 (Red-even)
Output signal 5 (Red-odd)
Output unit drain voltage 2
Reset gate clock
Ground
Shift register clock 2BO
Shift register clock 1AO
Package Heat-Sink VOD
No connection
No connection
No connection
Shift register clock 1A
Shift register clock 2B
Transfer gate clock 3
Ground
No connection
No connection
VOUT4
1
2
3
4
5
6
7
8
9
10
12
13
14
15
16
17
18
19
Last stage shift register clock
11
20
40
39
38
37
36
35
34
33
32
31
29
28
27
26
25
24
23
22
30
21
GND
VOUT6
VOUT5
VOD
φ R
φ 2L
GND
φ 2BO
φ 1AO
HS-VOD
NC
NC
NC
φ 1A
φ 2B
φ TG3
GND
NC
NC
VOUT3
GND
VOUT1
VOUT2
VOD
φ CP
φ 2L
GND
φ 1BO
φ 2AO
HS-VOD
NC
NC
NC
φ 2A
φ 1B
φ TG1
φ TG2
NC
NC
Output signal 3 (Green-odd)
Ground
Output signal 1 (Blue-odd)
Output signal 2 (Blue-even)
Output unit drain voltage
Reset feed-through level clamp clock
Ground
Shift register clock 1BO
Shift register clock 2AO
Package Heat-Sink VOD
No connection
No connection
No connection
Shift register clock 2A
Shift register clock 1B
Transfer gate clock 1
Transfer gate clock 2
No connection
No connection
Last stage shift register clock
Caution Pins 11 and 30 (HS-VOD) are connected only to the heat sink. These pins are not connected to VOD
(pins 5 or 36) inside this device.
Set HS-VOD (pins 11 and 30) to VOD (pins 5 and 36) in common on a board. Each VOD is connected
inside this device.
PHOTOCELL STRUCTURE DIAGRAM
7
μ m
3
μ m
Channel stopper
Aluminum
shield



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com