Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADBMS2950BCCSZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 4 Page - Analog Devices

  ADBMS2950BCCSZ Datasheet HTML 1Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 2Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 3Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 4Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 5Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 6Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 7Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 8Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 97 page
background image
ADBMS2950B
Data Sheet
Rev. 0 | Page 4 of 97
SPECIFICATIONS
ELECTRICAL ADC CHARACTERISTICS
Operating junction temperature (TJ) = −40°C to +125°C, VDD = 12V, VREG = 5.0V, ISOMD pin is connected low, unless otherwise noted.
Table 2. I1ADC and I2ADC Current ADCs
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OPERATING CONDITIONS
Differential Input Range
±130
mV
Input-Pin Voltage Range
±130
mV
For each IxA, IxB, and SxA pin, referred to the SGND
CHARACTERISTICS
Update Rate
0.9
1
1.1
kS/s
Input Sampling Frequency
3.7
4.1
4.5
MHz
ADC Resolution
I1ADC
1
μV
I2ADC
−1
μV
Negative input polarity
PERFORMANCE
Offset Voltage
±1
µV
Gain Error
±0.05
±0.1
%
Including solder shift and long-term drift
Gain Mismatch
±0.015
±0.03
%
I1ADC gain vs. I2ADC gain
Non-Linearity (INL)
±0.06
%
Total Measurement Error (TME)1
±0.2
%
Absolute input voltage > 5 mV, ACCN = 32
Conversion Noise
1 ms Conversion Time
1.6
µVRMS
Ix registers
8 ms Conversion Time
0.6
µVRMS
IxACC registers for ACCN = 8
1 ms × ACCN Conversion Time
1.6 ÷
√ACCN
µVRMS
IxACC registers depending on ACCN
Input Current
−3.5
0
+3.5
nA
All OCxADCs and IxADCs active. Pin voltage within specified IxADC
input-pin voltage range
Input Current Mismatch
0.5
nA
VIxA = VIxB = VSxA, max of |IIxA − IIxB|, |IIxA − ISxA|, |IIxB − ISxA|
DIAGNOSTICS
Open-Wire Test Current
0.4
0.5
0.6
µA
Input Series Resistance
3.2
3.8
4.4
Input Series R Mismatch
±1
%
Divided VREF1 (VDIV)
118
mV
DIAGSEL = 5
Divided VREF2
−125
mV
DIAGSEL = 6
1
The TME specifications include the ADC's offset, nonlinearity, drift over temperature (gain error), reflow soldering, lifetime, and thermal hysteresis.
Table 3. VB1ADC and VB2ADC Battery Voltage ADCs
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OPERATING CONDITIONS
Differential Input Range
−2.6
+2.6
V
Input-Pin Voltage Range
−0.1
+2.5
V
For each VBATx pin, referred to the SGND
CHARACTERISTICS
Update Rate
0.9
1
1.1
kS/s
VBxADC converts in lockstep with IxADC
Input Sampling Frequency
3.7
4.1
4.5
MHz
Resolution
VB1ADC
100
µV
VB2ADC
−85
µV
Negative input polarity
PERFORMANCE
Offset Voltage
0
±0.2
mV
Gain Error
±0.1
%
Including solder shift and long-term drift
Gain Mismatch
±0.015
±0.05
%
VB1ADC gain vs.VB2ADC gain
Non-Linearity (INL)
±8
LSBs
TME1
±0.2
%
Effective ADC input voltage > ±1.0V
Conversion Noise
1 ms Conversion Time
0.064
mVRMS
VBx registers
8 ms Conversion Time
0.023
mVRMS
VBxACC registers for ACCN = 8
1 ms × ACCN Conversion Time
0.064 ÷
√ACCN
mVRMS
VBxACC registers depending on ACCN
Input Current
ADC active
0V ≤ VBATx ≤ 2.5V
−10
±1
+10
nA
Current into pin, voltage referred to the SGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com