Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADBMS2950BCCSZ Datasheet(PDF) 24 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 24 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 20Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 21Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 22Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 23Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 24Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 25Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 26Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 27Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 97 page
background image
ADBMS2950B
Data Sheet
Rev. 0 | Page 24 of 97
Table 31. Write Data PEC Format
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DPEC0
0
0
0
0
0
0
PEC[9]
PEC[8]
DPEC1
PEC[7]
PEC[6]
PEC[5]
PEC[4]
PEC[3]
PEC[2]
PEC[1]
PEC[0]
Table 32. Read Command Counter and Data PEC Format
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DPEC0
CCNT[5]
CCNT[4]
CCNT[3]
CCNT[2]
CCNT[1]
CCNT[0]
PEC[9]
PEC[8]
DPEC1
PEC[7]
PEC[6]
PEC[5]
PEC[4]
PEC[3]
PEC[2]
PEC[1]
PEC[0]
Command Counter
A command counter, CCNT[5:0] as shown in Table 32,
enhances system level software diagnostics and communication
integrity. The command counter is initialized to 0 on power
cycling, by the SRST or by the RSTCC command. The
command counter increments if ADBMS2950B receives a
command without data, which are the 4-byte commands like
SNAP, UNSNAP, and ADI1, or if it receives a command with
write data such as WRCFGA and CLRFLAG. For a command to
be received, the command PEC and data PEC should match.
When the command counter increments past the maximum
value of 63, it rolls over to a value of 1, not 0. The 0 value is
reserved for specific reset cases listed previously. All read
commands return the register data followed by the command
counter and data PEC.
The host controller can keep track of the expected command
counter while sending commands and compare it with the
CCNT value received from the ADBMS2950B with every read
command. It is the responsibility of the host controller to
confirm that SPI frames are received in time as expected, to
verify the data checksum, and to track the command counter.
Polling Methods
Single Device SPI Polling
In configurations that communicate in SPI mode, there are two
methods of polling. The first method is to hold CSB low after an
ADC conversion command is sent. After entering a conversion
command, the SDO line is driven low when the device is busy
performing conversions. SDO is pulled high when the device
completes conversions. However, the SDO also returns to high
when CSB goes high even if the device has not completed the
conversion (see Figure 23). A problem with this method is that
the controller is not free to do other serial communication
while waiting for ADC conversions to complete.
The next method overcomes this limitation. The controller can
send an ADC command, perform other tasks, and then send a
Poll command to determine the status of the ADC conversions.
After entering the Poll command, SDO goes low if the device is
busy performing operations. SDO is pulled high at the end of
operations. However, SDO also goes high when CSB goes high,
even if the device has not completed the operation.
Figure 23. SDO Polling After an ADC Conversion Command (Single Device Configuration)
Figure 24. SDO Polling Using PLADC Command (Single Device Configuration)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com