Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADBMS2950BCCSZ Datasheet(PDF) 67 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 67 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 63Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 64Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 65Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 66Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 67Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 68Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 69Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 70Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 67 of 97
APPLICATIONS
In some cases, the application circuits shown in this section are
simplified to show various concepts in a small space. Some
components may be omitted. Analog Devices offers full-
reference design circuits for the ADBMS2950B that are
validated against common requirements for industrial systems.
For full-reference designs and questions about specific use
cases, contact a local Analog Devices sales office.
TYPICAL APPLICATION
A typical application of the ADBMS2950B used in a battery
junction box is shown in Figure 46. It features the measurement
of battery pack voltage and current, high-voltage-system to
chassis-GND isolation resistance, link and precharge voltage
and shunt resistor temperature. The ADBMS2950B is put into
an isoSPI communication daisy-chain together with the
ADBMS6830B cell monitors according to Figure 20. GPOs are
used to control external high-voltage N-channel MOSFETS to
either reduce battery pack leakage when the system is shut
down or to toggle the bias states of the isolation resistance
measurement. An external I2C non-volatile memory is
connected to the GPIOs to store board calibration parameters
such as the shunt resistance or resistive-divider values.
The circuit in Figure 46 uses the VBAT1 input to measure the
overall battery pack voltage (BAT+ vs. BAT−). When the BMS
controller closes the relay toward the chassis-GND, and GPO6
toggles the MOSFET, the VBAT2 input can trace the voltage
response continuously and synchronously to the VBAT1
measurement, which enables isolation resistance measurement
in noisy environments with minimum error.
When the relay and the MOSFET are open, VBAT2 provides a
synchronous and continuous mean to measure the pack voltage
redundantly. However, where redundant pack voltage
monitoring is required permanently, also during isolation
resistance measurement, and accuracy of the redundant
measurement is key, VBAT2 might use a voltage divider
symmetric to the VBAT1 resistor network. The chassis-GND
measurement circuitry can then be connected to one of the V1
to V10 inputs. For good noise filtering, the BMS controller can
still trigger VxADC measurements during isolation resistance
measurement at a high rate and extract the synchronous
VBxADC measurements in software to perform the isolation
resistance calculations with minimum error.
Figure 46. Typical ADBMS2950B Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com