Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADBMS2950BCCSZ Datasheet(PDF) 23 Page - Analog Devices

Part # ADBMS2950BCCSZ
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950BCCSZ Datasheet(HTML) 23 Page - Analog Devices

Back Button ADBMS2950BCCSZ Datasheet HTML 19Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 20Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 21Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 22Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 23Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 24Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 25Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 26Page - Analog Devices ADBMS2950BCCSZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 97 page
background image
Data Sheet
ADBMS2950B
Rev. 0 | Page 23 of 97
For read commands, register data is received from
ADBMS2950B, followed by the DPEC. For example, when
reading CFGA, the data is received in the following order:
CFGA0, …, CFGA5, DPEC0, and DPEC1. Table 32 shows the
format for the DPEC when reading data.
Read and write commands may be interrupted at any device
boundary (multiple of 8 bytes, not counting the initial 4 CMD,
PEC bytes) to read from or write to a leading device subset of
the daisy-chain only. The command counter of the devices not
being accessed does not increment.
Command PEC
The command-packet error code (CPEC) is a 15-bit CRC value
(PEC15) calculated for all 16 bits of a command, which uses the
initial PEC value of 0b000000000010000 and the following
characteristic polynomial:
x15 + x14 + x10 + x8 + x7 + x4 + x3 + 1
To calculate the 15-bit command PEC value, a simple procedure
can be established, as follows:
1. Initialize the Command PEC to 0b000000000010000
(15-bit value).
2. For each bit DIN, set:
IN0 = DIN XOR PEC[14]
IN3 = IN0 XOR PEC[2]
IN4 = IN0 XOR PEC[3]
IN7 = IN0 XOR PEC[6]
IN8 = IN0 XOR PEC[7]
IN10 = IN0 XOR PEC[9]
IN14 = IN0 XOR PEC[13]
3. Update the 15-bit Command PEC as follows:
PEC[14] = IN14
PEC[13] = PEC[12]
PEC[12] = PEC[11]
PEC[11] = PEC[10]
PEC[10] = IN10
PEC[9] = PEC[8]
PEC[8] = IN8
PEC[7] = IN7
PEC[6] = PEC[5]
PEC[5] = PEC[4]
PEC[4] = IN4
PEC[3] = IN3
PEC[2] = PEC[1]
PEC[1] = PEC[0]
PEC[0] = IN0
4. Go back to step 2 until all 16 command bits are
shifted.
The final PEC (16 bits) is the 15-bit value in the PEC register
with a 0-bit appended to the LSB. The ADBMS2950B calculates
the command PEC for any command received and compares it
to the PEC following the command. The command is valid only
if the PEC matches. Table 30 shows the format of the command
PEC.
Table 30. Command PEC Format
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PEC0
PEC[14]
PEC[13]
PEC[12]
PEC[11]
PEC[10]
PEC[9]
PEC[8]
PEC[7]
PEC1
PEC[6]
PEC[5]
PEC[4]
PEC[3]
PEC[2]
PEC[1]
PEC[0]
0
Data PEC
The data-packet error code (DPEC) is a 10-bit CRC value
calculated for data bits, which includes the command counter
bits, during a read or write commands. This data includes
register group bytes plus the six command counter bits
(0b000000 for write commands). Data is regarded as valid only
if the data PEC matches.
The initial data PEC value is 0b0000010000 and the following
characteristic polynomial: x10 + x7 + x3 + x2 + x + 1.
To calculate the 10-bit data PEC value, a simple procedure can
be established, as follows:
1. Initialize the data PEC to 0b0000010000 (10-bit
value).
2. For each bit DIN, set:
IN0 = DIN XOR PEC[9]
IN1 = IN0 XOR PEC[0]
IN2 = IN0 XOR PEC[1]
IN3 = IN0 XOR PEC[2]
IN7 = IN0 XOR PEC[6]
3. Update the 10-bit data PEC as follows:
PEC[9] = PEC[8]
PEC[8] = PEC[7]
PEC[7] = IN7
PEC[6] = PEC[5]
PEC[5] = PEC[4]
PEC[4] = PEC[3]
PEC[3] = IN3
PEC[2] = IN2
PEC[1] = IN1
PEC[0] = IN0
4. Go back to step 2 until all the data, including six
command counter bits (0b000000 for write
commands) is shifted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com