Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9875 Datasheet(PDF) 70 Page - NXP Semiconductors

Part # TDA9875
Description  Digital TV Sound Processor DTVSP
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9875 Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button TDA9875 Datasheet HTML 66Page - NXP Semiconductors TDA9875 Datasheet HTML 67Page - NXP Semiconductors TDA9875 Datasheet HTML 68Page - NXP Semiconductors TDA9875 Datasheet HTML 69Page - NXP Semiconductors TDA9875 Datasheet HTML 70Page - NXP Semiconductors TDA9875 Datasheet HTML 71Page - NXP Semiconductors TDA9875 Datasheet HTML 72Page - NXP Semiconductors TDA9875 Datasheet HTML 73Page - NXP Semiconductors TDA9875 Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 92 page
background image
1998 Feb 13
70
Philips Semiconductors
Preliminary specification
Digital TV Sound Processor (DTVSP)
TDA9875
10.3.35 I2S2 OUTPUT SELECT REGISTER
10.3.35.1 Description
This register is used to define both the signal source to be output at I2S2 and the mode of the digital matrix for signal
selection.
10.3.35.2 Definition
Table 81 Subaddress 40 (notes 1 and 2)
Notes
1. X = don’t care.
2. The default setting at power-up is 00000000.
Table 82 Signal source (note 1)
Note
1. The Main and Auxiliary channel outputs will not contain the beeper signal.
Table 83 Bits B6 to B4 (note 1)
Note
1. X = don’t care.
MSB
LSB
B7
B6
B5
B4
B3
B2
B1
B0
X
see Table 83
X
see Table 82
B2
B1
B0
SIGNAL SOURCE
0
0
0
FM output
0
0
1
NICAM output
010
I2S1 input
011
I2S2 input
1
0
0
ADC output
1
0
1
AVL output
1
1
0
Auxiliary output
1
1
1
Main output
B6
B5
B4
L OUTPUT
R OUTPUT
0
0
0
L input
R input
0
0
1
L input
L input
0
1
0
R input
R input
0
1
1
R input
L input
1X
X
LR
+
2
--------------
LR
+
2
--------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com