Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9875 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA9875
Description  Digital TV Sound Processor DTVSP
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9875 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA9875 Datasheet HTML 4Page - NXP Semiconductors TDA9875 Datasheet HTML 5Page - NXP Semiconductors TDA9875 Datasheet HTML 6Page - NXP Semiconductors TDA9875 Datasheet HTML 7Page - NXP Semiconductors TDA9875 Datasheet HTML 8Page - NXP Semiconductors TDA9875 Datasheet HTML 9Page - NXP Semiconductors TDA9875 Datasheet HTML 10Page - NXP Semiconductors TDA9875 Datasheet HTML 11Page - NXP Semiconductors TDA9875 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
1998 Feb 13
8
Philips Semiconductors
Preliminary specification
Digital TV Sound Processor (DTVSP)
TDA9875
CAPL1
41
−
filter capacitor pin 1; audio analog-to-digital converter, left channel
CAPL2
42
−
filter capacitor pin 2; audio analog-to-digital converter, left channel
VSSA2
43
supply
supply ground 2; audio analog-to-digital converter circuitry
CAPR2
44
−
filter capacitor pin 2; audio analog-to-digital converter, right channel
CAPR1
45
−
filter capacitor pin 1; audio analog-to-digital converter, right channel
Vref2
46
−
reference voltage; audio analog-to-digital converter circuitry
SCOR1
47
O
SCART 1 output right channel
SCOL1
48
O
SCART 1 output left channel
VSSD2
49
supply
supply ground 2; digital circuitry
VSSA4
50
supply
supply ground 4; audio operational amplifier circuitry
SCOR2
51
O
SCART 2 output right channel
SCOL2
52
O
SCART 2 output left channel
Vref3
53
−
reference voltage; audio digital-to-analog converter and operational amplifier
circuitry
PCAPR
54
−
post-filter capacitor pin right channel, audio digital-to-analog converter
PCAPL
55
−
post-filter capacitor pin left channel, audio digital-to-analog converter
VSSA3
56
supply
supply ground 3; audio digital-to-analog converter circuitry
AUXOR
57
O
headphone (Auxiliary) output right channel
AUXOL
58
O
headphone (Auxiliary) output left channel
VDDA3
59
supply
analog supply voltage 3; audio digital-to-analog converter
MOR
60
O
loudspeaker (Main) output right channel
MOL
61
O
loudspeaker (Main) output left channel
LOL
62
O
line output left channel
LOR
63
O
line output right channel
VDDD2
64
supply
digital supply voltage 2; digital circuitry
SYMBOL
PIN
I/O
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com