Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9875 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TDA9875
Description  Digital TV Sound Processor DTVSP
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9875 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TDA9875 Datasheet HTML 22Page - NXP Semiconductors TDA9875 Datasheet HTML 23Page - NXP Semiconductors TDA9875 Datasheet HTML 24Page - NXP Semiconductors TDA9875 Datasheet HTML 25Page - NXP Semiconductors TDA9875 Datasheet HTML 26Page - NXP Semiconductors TDA9875 Datasheet HTML 27Page - NXP Semiconductors TDA9875 Datasheet HTML 28Page - NXP Semiconductors TDA9875 Datasheet HTML 29Page - NXP Semiconductors TDA9875 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 92 page
background image
1998 Feb 13
26
Philips Semiconductors
Preliminary specification
Digital TV Sound Processor (DTVSP)
TDA9875
Bline
line bandwidth
from SCART, external,
Auxiliary and mono
sources;
−3 dB bandwidth
20
−−
kHz
from DSP sources;
−3 dB bandwidth
14.5
−−
kHz
PSRRline
power supply ripple rejection
fripple = 70 Hz;
Vripple = 100 mV (peak);
CVref =47 µF;
signal from I2S-bus
40
45
−
dB
Audio performance
THD + N
total harmonic distortion plus
noise
Vi =Vo = 1 V (RMS);
fi = 1 kHz; bandwidth
20 Hz to 15 kHz; note 1
from any analog audio
input to I2S-bus
−
0.1
0.3
%
from I2S-bus to any
analog audio output
−
0.1
0.3
%
SCART-to-SCART copy
−
0.1
0.3
%
SCART-to-Main copy
−
0.2
0.5
%
S/N
signal-to-noise ratio
reference voltage
Vo = 1.4 V (RMS);
fi = 1 kHz; “CCIR468”;
quasi peak; note 1
from any analog audio
input to I2S-bus
73
77
−
dB
from I2S-bus to any
analog audio output
78
90
−
dB
SCART-to-SCART copy
78
90
−
dB
SCART-to-Main copy
73
77
−
dB
α
ct
crosstalk attenuation
between any analog input
pairs; fi = 1 kHz
70
−−
dB
between any analog output
pairs; fi =10kHz
65
−−
dB
α
cs
channel separation
between left and right of
any input pair
65
−−
dB
between left and right of
any output pair
60
−−
dB
GA
from SCART-to-SCART with
−3 dB input voltage divider
output amplifier in +3 dB
position;
Rext =15kΩ±10%
−1.5
0
+1.1
dB
output amplifier in 0 dB
position;
Rext =15kΩ±10%
−4.5
−3.0
−1.9
dB
from external input to
loudspeaker
Rext =15kΩ±10%; note 1
−1.5
0
+1.5
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com