Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9875 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # TDA9875
Description  Digital TV Sound Processor DTVSP
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9875 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button TDA9875 Datasheet HTML 35Page - NXP Semiconductors TDA9875 Datasheet HTML 36Page - NXP Semiconductors TDA9875 Datasheet HTML 37Page - NXP Semiconductors TDA9875 Datasheet HTML 38Page - NXP Semiconductors TDA9875 Datasheet HTML 39Page - NXP Semiconductors TDA9875 Datasheet HTML 40Page - NXP Semiconductors TDA9875 Datasheet HTML 41Page - NXP Semiconductors TDA9875 Datasheet HTML 42Page - NXP Semiconductors TDA9875 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
1998 Feb 13
39
Philips Semiconductors
Preliminary specification
Digital TV Sound Processor (DTVSP)
TDA9875
Table 25 De-emphasis
Table 26 Description of bits ADEEM1 and ADEEM2 (note 1)
Note
1. The FM de-emphasis gain is 0 dB at 40 Hz.
10.3.8
FM MATRIX REGISTER
10.3.8.1
Description
This register is used to select the proper dematrixing characteristics as appropriate for the standard of the received
carrier and the related sound mode identification. For the dematrixing, it is assumed that the output from sound carrier 1
is on channel L input.
10.3.8.2
Definition
Table 27 Subaddress 11 (notes 1 and 2)
Notes
1. X = don’t care.
2. The default setting at power-up is 00000000.
Table 28 Description of Subaddress 11 (bits B2 to B0)
B6 and B2
B5 and B1
B4 and B0
DE-EMPHASIS
000
50
µs (Europe)
001
60
µs
010
75
µs (M standard)
011
J17
100
off
NAME
HIGH/LOW
FUNCTION
ADEEM1,
ADEEM2
HIGH
Activates the adaptive de-emphasis function, which is required for certain satellite
FM channels. The standard FM de-emphasis must then be set to 75
µs.
LOW
The adaptive de-emphasis is off.
MSB
LSB
B7
B6
B5
B4
B3
B2
B1
B0
X
X
X
X
X
see Table 28
B2
B1
B0
L OUTPUT
R OUTPUT
MODE
0
0
0
L input
L input
mono 1
0
0
1
R input
R input
mono 2
0
1
0
L input
R input
dual
0
1
1
R input
L input
dual swapped
100
2L input
− R input
R input
stereo Europe
101
stereo Korea
L input
R input
+
2
-------------------------------------------
L input
R input
–
2
-------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com