Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1069H Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TEA1069H
Description  Versatile speech/dialler/ringer with music-on-hold
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1069H Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TEA1069H Datasheet HTML 10Page - NXP Semiconductors TEA1069H Datasheet HTML 11Page - NXP Semiconductors TEA1069H Datasheet HTML 12Page - NXP Semiconductors TEA1069H Datasheet HTML 13Page - NXP Semiconductors TEA1069H Datasheet HTML 14Page - NXP Semiconductors TEA1069H Datasheet HTML 15Page - NXP Semiconductors TEA1069H Datasheet HTML 16Page - NXP Semiconductors TEA1069H Datasheet HTML 17Page - NXP Semiconductors TEA1069H Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
1998 Jan 08
14
Philips Semiconductors
Product specification
Versatile speech/dialler/ringer with
music-on-hold
TEA1069; TEA1069A
Fig.11 Equivalent circuit of an anti-sidetone network in a Wheatstone bridge configuration.
handbook, full pagewidth
MSA501 - 1
IR
R8
SLPE
R9
R1
LN
Zline
VEE
Zbal
RA
im
Rt
Dialler and ringer part
SUPPLY VOLTAGE: PINS VDD AND VEE
The power supply must be maintained for data storage.
The RAM retention voltage (standby supply voltage) may
drop down to 1.0 V. Applying a large capacitor across the
supply terminals can retain the memory if power
connections are broken. The minimum operation voltage is
2.5 V. The internal power-on reset is enabled for a voltage
below this minimum operation voltage.
OSCILLATOR INPUT/OUTPUT: PINS XTAL1 AND XTAL2
Time base for the TEA1069 and TEA1069A is a
crystal-controlled on-chip oscillator which is completed by
connecting a 3.579545 MHz crystal or ceramic resonator
between XTAL1 and XTAL2. The oscillator starts when
VDD reaches the operation voltage level and
CE/FDI = HIGH. The following types of ceramic
resonators are recommended:
• Kyocera PBRC3.58ARPC10 (wired)
• Kyocera KBR3.58MSATRPC10 (SMD)
• Murata CSA3.58MG310VA (wired).
RESET INPUT: PIN RESET
Pin RESET is an input to the internal reset circuit. When
RESET = HIGH, it can be used to initialize the TEA1069
and TEA1069A which is normally done by the CE/FDI
input. The on-chip power-on reset generates a reset pulse
if VDD drops below 2.5 V. In this event a proper start-up
occurs after the supply voltage rises above the minimum
operation voltage level again.
During and directly after reset pins 14 to 19, 21, 29 to 32,
34 and 35 are set HIGH; pins 8, 20, 22, 26 to 28 and 33
are set to LOW.
The RESET pin can be connected to VEE, preferably via a
resistor of 100 k
Ω to 1 MΩ, which will save leakage
current. A capacitor connected to VDD can be used to
extend the reset time, in case a longer reset is desirable.
To prevent the dialler from reacting on voltage
disturbances on the telephone line a time-out is active.
The dialler returns to standby state if the voltage on the line
has disappeared for more than this reset-delay time (trd).
CHIP ENABLE/FREQUENCY DISCRIMINATOR INPUT:
PIN
CE/FDI
This active HIGH input is used to initialize part of the
system, to select the on-line, standby, or ringer mode and
to detect line power breaks. To keep the TEA1069 and
TEA1069A in the on-line mode, CE/FDI has to be HIGH.
In the exchange, several AC signals can be superimposed
on the DC signal, e.g. dialling tone, busy tone,
disturbances (like line power breaks), and the ringer
signal. The ringer signal is evaluated, and checked if its
frequency is within the limits of the frequency interval as
set by the diode option RFS. It is assumed that the ringer
frequency at pin CE/FDI is the double of the frequency
present on the telephone line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com