Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1069H Datasheet(PDF) 29 Page - NXP Semiconductors

Part # TEA1069H
Description  Versatile speech/dialler/ringer with music-on-hold
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1069H Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button TEA1069H Datasheet HTML 25Page - NXP Semiconductors TEA1069H Datasheet HTML 26Page - NXP Semiconductors TEA1069H Datasheet HTML 27Page - NXP Semiconductors TEA1069H Datasheet HTML 28Page - NXP Semiconductors TEA1069H Datasheet HTML 29Page - NXP Semiconductors TEA1069H Datasheet HTML 30Page - NXP Semiconductors TEA1069H Datasheet HTML 31Page - NXP Semiconductors TEA1069H Datasheet HTML 32Page - NXP Semiconductors TEA1069H Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
1998 Jan 08
29
Philips Semiconductors
Product specification
Versatile speech/dialler/ringer with
music-on-hold
TEA1069; TEA1069A
(1) Tamb =40 °C; Ptot = 1200 mW.
(2) Tamb =50 °C; Ptot = 1050 mW.
(3) Tamb =60 °C; Ptot = 910 mW.
(4) Tamb =70 °C; Ptot = 770 mW.
Fig.26 TEA1069N safe operating area.
Note: calculations based upon negligible dialler and ringer parts output power (null port sink current).
handbook, full pagewidth
12
11
VLN − VSLPE (V)
150
Iline
(mA)
30
2
3
456
(2)
78
9
10
MGD376
110
70
50
130
90
(1)
(4)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com