| Electronic Components Datasheet Search |
|
TEA1069H Datasheet(PDF) 23 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TEA1069H Datasheet(HTML) 23 Page - NXP Semiconductors |
|
23 / 44 page ![]() 1998 Jan 08 23 Philips Semiconductors Product specification Versatile speech/dialler/ringer with music-on-hold TEA1069; TEA1069A The STD contains the states (rectangles in the figure) and state transitions (arrows) of the set. The upper arrow in the figure pointing to the standby state means that the set is initially in the standby state. When for instance an incoming call is detected, the set enters the ringer state, waiting for a reaction of the user. If the user answers the call on a handset, the set enters the on-line state. The TEA1069 and TEA1069A have 3 basic states: • Standby state • Ringer state • On-line state. Each state with its own functional requirements is described in the following sections. STANDBY STATE In standby state the TEA1069 and TEA1069A are inactive. The current drawn is for memory retention and depends on the loads of the inputs/outputs of the dialler. In this state output DP/FL is HIGH so that the line is disconnected. The ICs leave the standby state if: • The set goes off-hook (lift handset or press [HOOK]) • A ringer-signal is available on the line. The ICs go to the standby state if: • The set goes on-hook (handset on the cradle or press [HOOK]) • A line-break occurs for at least the reset delay time (trd) • The ringer-signal becomes invalid. RINGER STATE If the set is in standby mode, a ringer signal can be received from the line. After evaluating the incoming ringer signal (and ringer signal is valid), the TEA1069 and TEA1069A start a melody via the TONE output ringer hardware, and stops this melody if the ringer signal is not valid any more. After going off-hook, the ringer signal stops and the set is in conversation (on-line) state. During a ringer burst the ringer volume can be changed according to Fig.24 and melodies can be changed according to Table 7. Table 7 Melody selection ON-LINE STATE In this paragraph all the actions of the TEA1069 and TEA1069A during on-line state are described. The on-line mode starts with making output DP/FL LOW, which makes line current flow possible. The on-line state contains a number of sub-states (see Fig.22): • Conversation state • Dialling state • Memory recall state • Program state. MELODY KEY Bell 1 [1] Bell 2 [2] Bell 3 [3] Bell 4 [4] |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |