Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1069H Datasheet(PDF) 31 Page - NXP Semiconductors

Part # TEA1069H
Description  Versatile speech/dialler/ringer with music-on-hold
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1069H Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button TEA1069H Datasheet HTML 27Page - NXP Semiconductors TEA1069H Datasheet HTML 28Page - NXP Semiconductors TEA1069H Datasheet HTML 29Page - NXP Semiconductors TEA1069H Datasheet HTML 30Page - NXP Semiconductors TEA1069H Datasheet HTML 31Page - NXP Semiconductors TEA1069H Datasheet HTML 32Page - NXP Semiconductors TEA1069H Datasheet HTML 33Page - NXP Semiconductors TEA1069H Datasheet HTML 34Page - NXP Semiconductors TEA1069H Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
1998 Jan 08
31
Philips Semiconductors
Product specification
Versatile speech/dialler/ringer with
music-on-hold
TEA1069; TEA1069A
CHARACTERISTICS
Iline = 11 to 140 mA; VEE = 0 V; f = 1 kHz; VDD =3V; fxtal = 3.579545 MHz; Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Speech part
SUPPLIES LN AND VCC (PINS 40 AND 36)
VLN
voltage drop over circuit between
LN and VEE
MIC inputs open-circuit
Iline =1mA
−
1.6
−
V
Iline =4mA
−
1.9
−
V
Iline = 15 mA
3.55
4.0
4.25
V
Iline = 100 mA
4.9
5.7
6.5
V
Iline = 140 mA
−−
7.5
V
∆V
LN/∆T
variation with temperature
Iline =15mA
−−0.3
−
mV/K
VLN
voltage drop over circuit between
LN and VEE with external resistor
RVA
Iline =15mA
RVA (LN to REG) = 68 kΩ−
3.5
−
V
RVA (REG to SLPE) = 39 kΩ−
4.5
−
V
ICC
supply current
VCC = 2.8 V
−
0.9
1.35
mA
VCC
supply voltage available for
peripheral circuitry
Iline =15mA; MUTE = LOW
Ip = 1.2 mA
2.2
2.7
−
V
Ip =0mA
−
3.4
−
V
MICROPHONE INPUTS MIC
− AND MIC+ (PINS 3 AND 4)
Z
i
input impedance
differential
between MIC
− and MIC+
−
64
−
k
Ω
single-ended
MIC
− or MIC+ to V
EE
−
32
−
k
Ω
CMRR
common mode rejection ratio
−
82
−
dB
Gv
voltage gain MIC+ or MIC
− to LN Iline = 15 mA; R7 = 68 kΩ
50.5
52.0
53.5
dB
∆G
v(f)
gain variation with frequency
referenced to 800 Hz
f = 300 and 3400 Hz
−±0.2
−
dB
∆G
v(T)
gain variation with temperature
referenced to 25
°C
without R6; Iline = 50 mA;
Tamb = −25 to +70 °C
−±0.2
−
dB
DTMF INPUT (PIN 7)
Zi
input impedance
−
20.7
−
k
Ω
Gv
voltage gain from DTMF to LN
Iline = 15 mA; R7 = 68 kΩ
24.0
25.5
27.0
dB
∆G
v(f)
gain variation with frequency
referenced to 800 Hz
f = 300 and 3400 Hz
−±0.2
−
dB
∆Gv(T)
gain variation with temperature
referenced to 25
°C
Iline =50mA;
Tamb = −25 to +70 °C
−±0.2
−
dB
GAIN ADJUSTMENT INPUTS GAS1 AND GAS2 (PINS 41 AND 42)
∆Gv
transmitting amplifier gain
variation by adjustment of R7
between GAS1and GAS2
−8
−
0dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com