Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2543MDBREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2543MDBREP
Description  12-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 ANALOG INPUTS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2543MDBREP Datasheet(HTML) 5 Page - Texas Instruments

  TLC2543MDBREP Datasheet HTML 1Page - Texas Instruments TLC2543MDBREP Datasheet HTML 2Page - Texas Instruments TLC2543MDBREP Datasheet HTML 3Page - Texas Instruments TLC2543MDBREP Datasheet HTML 4Page - Texas Instruments TLC2543MDBREP Datasheet HTML 5Page - Texas Instruments TLC2543MDBREP Datasheet HTML 6Page - Texas Instruments TLC2543MDBREP Datasheet HTML 7Page - Texas Instruments TLC2543MDBREP Datasheet HTML 8Page - Texas Instruments TLC2543MDBREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
www.ti.com
Electrical Characteristics
TLC2543-EP
12-BIT ANALOG-TO-DIGITAL CONVERTER
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SGLS125A – JULY 2002 – REVISED NOVEMBER 2006
over recommended operating free-air temperature range, V
CC = Vref+ = 4.5 V to 5.5 V, f(I/O CLOCK) = 4.1 MHz
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VCC = 4.5 V,
IOH = –1.6 mA
2.4
VOH
High-level output voltage
V
VCC = 4.5 V to 5.5 V,
IOH = –20 µA
VCC – 0.1
VCC = 4.5 V,
IOL = 1.6 mA
0.4
VOL
Low-level output voltage
V
VCC = 4.5 V to 5.5 V,
IOL = 20 µA
0.1
VO = VCC,
CS at VCC
1
2.5
High-impedance off-state
IOZ
µA
output current
VO = 0,
CS at VCC
1
–2.5
IIH
High-level input current
VI = VCC
1
10
µA
IIL
Low-level input current
VI = 0
1
–10
µA
ICC
Operating supply current
CS at 0 V
1
2.5
mA
For all digital inputs,
ICC(PD)
Power-down current
4
25
µA
0
≤ V
I ≤ 0.5 V or VI ≥ VCC – 0.5 V
Selected channel at VCC, Unselected channel at 0 V
10
Selected channel
µA
leakage current
Selected channel at 0 V,
Unselected channel at VCC
–10
Maximum static analog
Vref+ = VCC,
Vref– = GND
1
2.5
µA
reference current into REF+
Analog inputs
30
60
Input
Ci
pF
capacitance
Control inputs
5
15
(1)
All typical values are at VCC = 5 V, TA = 25°C.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com