Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2543MDBREP Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2543MDBREP
Description  12-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 ANALOG INPUTS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2543MDBREP Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLC2543MDBREP Datasheet HTML 16Page - Texas Instruments TLC2543MDBREP Datasheet HTML 17Page - Texas Instruments TLC2543MDBREP Datasheet HTML 18Page - Texas Instruments TLC2543MDBREP Datasheet HTML 19Page - Texas Instruments TLC2543MDBREP Datasheet HTML 20Page - Texas Instruments TLC2543MDBREP Datasheet HTML 21Page - Texas Instruments TLC2543MDBREP Datasheet HTML 22Page - Texas Instruments TLC2543MDBREP Datasheet HTML 23Page - Texas Instruments TLC2543MDBREP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
www.ti.com
APPLICATION INFORMATION
100000000000
011111111111
000000000010
000000000001
000000000000
111111111110
0
0.0024
2.4564
2.4576
2.4588
100000000001
111111111101
111111111111
4.9128
4.9140
4.9152
2048
2047
2
1
0
4094
2049
4093
4095
VI − Analog Input Voltage − V
VZT = VZS + 1/2 LSB
VZS
See Notes A and B
0.0012
VFT = VFS − 1/2 LSB
VFS
VFSnom
Processor
Control
Circuit
Analog
Inputs
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
AIN8
AIN9
AIN10
I/O CLOCK
CS
DATA INPUT
DATA OUT
EOC
REF+
REF−
GND
TLC2543
To Source
Ground
5-V DC Regulated
1
2
3
4
5
6
7
8
9
11
12
15
18
17
16
19
14
13
10
TLC2543-EP
12-BIT ANALOG-TO-DIGITAL CONVERTER
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SGLS125A – JULY 2002 – REVISED NOVEMBER 2006
A.
This curve is based on the assumption that Vref+ and Vref– have been adjusted so that the voltage at the transition
from digital 0 to 1 (VZT) is 0.0006 V and the transition to full scale (VFT) is 4.9134 V. 1 LSB = 1.2 mV.
B.
The full-scale value (VFS) is the step whose nominal midstep value has the highest absolute value. The zero-scale
value (VZS) is the step whose nominal midstep value equals zero.
Figure 16. Ideal Conversion Characteristics
Figure 17. Serial Interface
20
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com