Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2543MDBREP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2543MDBREP
Description  12-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 ANALOG INPUTS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2543MDBREP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC2543MDBREP Datasheet HTML 9Page - Texas Instruments TLC2543MDBREP Datasheet HTML 10Page - Texas Instruments TLC2543MDBREP Datasheet HTML 11Page - Texas Instruments TLC2543MDBREP Datasheet HTML 12Page - Texas Instruments TLC2543MDBREP Datasheet HTML 13Page - Texas Instruments TLC2543MDBREP Datasheet HTML 14Page - Texas Instruments TLC2543MDBREP Datasheet HTML 15Page - Texas Instruments TLC2543MDBREP Datasheet HTML 16Page - Texas Instruments TLC2543MDBREP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
www.ti.com
Power Up and Initialization
TLC2543-EP
12-BIT ANALOG-TO-DIGITAL CONVERTER
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SGLS125A – JULY 2002 – REVISED NOVEMBER 2006
PRINCIPLES OF OPERATION (continued)
After power up, CS must be taken from high to low to begin an I/O cycle. EOC is initially high, and the input data
register is set to all zeroes. The contents of the output data register are random, and the first conversion result
should be ignored. To initialize during operation, CS is taken high and is then returned low to begin the next I/O
cycle. The first conversion after the device has returned from the power-down state may not read accurately due
to internal device settling.
Table 1. Operational Terminology
Entire I/O CLOCK sequence that transfers address and control data into the data register and
Current (N) I/O cycle
clocks the digital result from the previous conversion from DATA OUT
The conversion cycle starts immediately after the current I/O cycle. The end of the current I/O
Current (N) conversion cycle
cycle is the last clock falling edge in the I/O CLOCK sequence. The current conversion result
is loaded into the output register when conversion is complete.
Current (N) conversion result
The current conversion result is serially shifted out on the next I/O cycle.
Previous (N – 1) conversion cycle
Conversion cycle just prior to the current I/O cycle
Next (N + 1) I/O cycle
I/O period that follows the current conversion cycle
Example: In the 12-bit mode, the result of the current conversion cycle is a 12-bit serial-data stream clocked out
during the next I/O cycle. The current I/O cycle must be exactly 12 bits long to maintain synchronization, even
when this corrupts the output data from the previous conversion. The current conversion is begun immediately
after the twelfth falling edge of the current I/O cycle.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com