Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2543MDBREP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2543MDBREP
Description  12-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 ANALOG INPUTS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2543MDBREP Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC2543MDBREP Datasheet HTML 17Page - Texas Instruments TLC2543MDBREP Datasheet HTML 18Page - Texas Instruments TLC2543MDBREP Datasheet HTML 19Page - Texas Instruments TLC2543MDBREP Datasheet HTML 20Page - Texas Instruments TLC2543MDBREP Datasheet HTML 21Page - Texas Instruments TLC2543MDBREP Datasheet HTML 22Page - Texas Instruments TLC2543MDBREP Datasheet HTML 23Page - Texas Instruments TLC2543MDBREP Datasheet HTML 24Page - Texas Instruments TLC2543MDBREP Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
www.ti.com
Simplified Analog Input Analysis
V
C + VS 1 * e
*tc RtCi
(1)
VC (1/2 LSB) = VS − (VS/8192)
(2)
V
S * VS 8192 + VS 1 * e
*tc RtCi
(3)
tc (1/2 LSB) = Rt × Ci × ln(8192)
(4)
tc (1/2 LSB) = (Rs + 1 kΩ) × 60 pF × ln(8192)
(5)
Rs
ri
VS
VC
60 pF Max
1 k
Ω Max
Driving Source(A)
TLC2543
Ci
VI
VI = Input Voltage at AIN
VS = External Driving Source Voltage
Rs = Source Resistance
ri = Input Resistance
Ci = Input Capacitance
VC = Capacitance Charging Voltage
TLC2543-EP
12-BIT ANALOG-TO-DIGITAL CONVERTER
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SGLS125A – JULY 2002 – REVISED NOVEMBER 2006
APPLICATION INFORMATION (continued)
Using the equivalent circuit in Figure 18, the time required to charge the analog input capacitance from 0 V to VS
within one-half LSB can be derived as follows:
The capacitance charging voltage is given by:
Where:
R
t = Rs + ri
The final voltage to 1/2 LSB is given by:
Equating equation 1 to equation 2 and solving for time tc gives
and
Therefore, with the values given, the time for the analog input signal to settle is:
This time must be less than the converter sample time shown in the timing diagrams.
A.
Driving source requirements:
• Noise and distortion for the source must be equivalent to the resolution of the converter.
• R
s must be real at the input frequency.
Figure 18. Equivalent Input Circuit Including the Driving Source
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com