Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8FS-C Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # S8FS-C
Description  Switch Mode Power Supply (15/25/35/50/75/100/150/200/350-W Models)S8FS-C
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8FS-C Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button S8FS-C Datasheet HTML 9Page - Omron Electronics LLC S8FS-C Datasheet HTML 10Page - Omron Electronics LLC S8FS-C Datasheet HTML 11Page - Omron Electronics LLC S8FS-C Datasheet HTML 12Page - Omron Electronics LLC S8FS-C Datasheet HTML 13Page - Omron Electronics LLC S8FS-C Datasheet HTML 14Page - Omron Electronics LLC S8FS-C Datasheet HTML 15Page - Omron Electronics LLC S8FS-C Datasheet HTML 16Page - Omron Electronics LLC S8FS-C Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
S8FS-C
13
Connections
Block Diagrams
Voltage
detection
Overvoltage
detection
Drive
control circuit
+V
−V
DC output
Rectifier/
smoothing circuit
Photocoupler
Overcurrent
detection
Noise
filter
Inrush current
protection
Fuse:
3.15 A
AC (L)
Input
AC (N)
Rectifier
Smoothing
circuit
S8FS-C015
 (15 W)
AC (L)
Input
AC (N)
Fuse
25 W: 4 A
35 W: 3.15 A
50 W: 4 A
75 W: 5 A
Voltage
detection
Overvoltage
detection
Drive
control circuit
+V
−V
DC output
Rectifier/
smoothing circuit
Photocoupler
Overcurrent
detection
Noise
filter
Inrush current
protection
Rectifier
Smoothing
circuit
S8FS-C025
 (25 W)
S8FS-C035
 (35 W)
S8FS-C050
 (50 W)
S8FS-C075
 (75 W)
Input voltage selector switch
100 to 120 VAC/
200 to 240 VAC
switching
Input
Fuse:
5 A
Voltage
detection
Overvoltage
detection
Drive
control circuit
−V
DC output
Rectifier/
smoothing circuit
Photocoupler
Overcurrent
detection
Noise
filter
Inrush current
protection
Rectifier/
smoothing circuit
+V
AC (L)
AC (N)
S8FS-C10012
 (100 W)
S8FS-C10015
 (100 W)
S8FS-C10024
 (100 W)
S8FS-C10036
 (100 W)
S8FS-C10048
 (100 W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com