Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8FS-C Datasheet(PDF) 29 Page - Omron Electronics LLC

Part # S8FS-C
Description  Switch Mode Power Supply (15/25/35/50/75/100/150/200/350-W Models)S8FS-C
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8FS-C Datasheet(HTML) 29 Page - Omron Electronics LLC

Back Button S8FS-C Datasheet HTML 25Page - Omron Electronics LLC S8FS-C Datasheet HTML 26Page - Omron Electronics LLC S8FS-C Datasheet HTML 27Page - Omron Electronics LLC S8FS-C Datasheet HTML 28Page - Omron Electronics LLC S8FS-C Datasheet HTML 29Page - Omron Electronics LLC S8FS-C Datasheet HTML 30Page - Omron Electronics LLC S8FS-C Datasheet HTML 31Page - Omron Electronics LLC S8FS-C Datasheet HTML 32Page - Omron Electronics LLC S8FS-C Datasheet HTML 33Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
S8FS-C
29
Mounting Brackets (Order Separately)
Power rating
Mounting direction
Model
15 W
DIN Rail
S82Y-FSC015DIN
25 W
S82Y-FSC025DIN
35 W
S82Y-FSC050DIN
50 W
75 W
S82Y-FSC150DIN
100 W
150 W
200 W
S82Y-FSC350DIN
350 W
15 W
Bottom-mounting to
DIN Rail
S82Y-FSC015DIN-S
25 W
S82Y-FSC025DIN-S
35 W
S82Y-FSC035DIN-S
50 W
S82Y-FSC050DIN-S
75 W
S82Y-FSC100DIN-S
100 W
150 W
S82Y-FSC150DIN-S
200 W
Bottom-mounting with L-brackets
S82Y-FSC350B (4 brackets)
350 W
Two, 3.5 dia.
5 max.
4.5 (Sliding: 7.2 max.)
(13)
5
25.5
25.5
53±1
28.7±1
29.2
96.7
94±1
S82Y-FSC015DIN
Mounting Method
Accessories (2 locations)
Be sure to use the accessory screws.
Mounting screw tightening torque: 0.48 to
0.59 N·m for M3 screws
Two, 3.5 dia.
5 max.
3.5 (Sliding: 6.2 max.)
(12)
5
35.2±1
36.2
49.5
32.5
117.7
112.5±1
78.5±1
S82Y-FSC025DIN
Accessories (2 locations)
Be sure to use the accessory screws.
Mounting screw tightening torque: 0.48 to
0.59 N·m for M3 screws
Mounting Method



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com