Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8FS-C Datasheet(PDF) 24 Page - Omron Electronics LLC

Part # S8FS-C
Description  Switch Mode Power Supply (15/25/35/50/75/100/150/200/350-W Models)S8FS-C
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8FS-C Datasheet(HTML) 24 Page - Omron Electronics LLC

Back Button S8FS-C Datasheet HTML 20Page - Omron Electronics LLC S8FS-C Datasheet HTML 21Page - Omron Electronics LLC S8FS-C Datasheet HTML 22Page - Omron Electronics LLC S8FS-C Datasheet HTML 23Page - Omron Electronics LLC S8FS-C Datasheet HTML 24Page - Omron Electronics LLC S8FS-C Datasheet HTML 25Page - Omron Electronics LLC S8FS-C Datasheet HTML 26Page - Omron Electronics LLC S8FS-C Datasheet HTML 27Page - Omron Electronics LLC S8FS-C Datasheet HTML 28Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
S8FS-C
24
Side: Three, M3 (Depth: 6 mm max.)
Bottom: Two, M3 (Depth: 5 mm max.)
Five, M3.5
3.5 dia.
3.5 dia.
(12)
97±1
85.5±0.5
33
38±1
13±0.5
28.5
33±0.5
120±0.5
77±0.5
32
28.5
19
8.2
9.5
122.5±0.5
129±1
78
4.5
6.5
5.25
3.5
3.5
10
18±0.5
S8FS-C050
J (50 W)
Panel mounting hole dimensions
Using the mounting
holes in the Power
Supply
Using the screw
holes in the
Power Supply
Bottom
mounting
Side
mounting
Two, M3
122.5±0.5
85.5±0.5
Two, 3.5 dia.
33±0.5
Three, M3
120±0.5
13±0.5
77±0.5
Three, 3.5 dia. 18
±0.5
9±0.5
Side: Three, M3 (Depth: 6 mm max.)
Bottom: Two, M3
(Depth: 5 mm max.)
Seven, M3.5
3.5 dia.
3.5 dia.
(12)
97±1
84.5±0.5
32
38±1
13±0.5
28.5
150±0.5
117±0.5
22
28.5
19
8.2
9.5
152.5±0.5
159±1
24
4.5
6.5
5.5
3.5
3.5
78±0.5
10.5
18±0.5
S8FS-C075
J (75 W)
S8FS-C100
J (100 W)
Panel mounting hole dimensions
Using the mounting
holes in the Power
Supply
Using the screw
holes in the Power
Supply
Bottom
mounting
Side
mounting
Two, M3
152.5±0.5
84.5±0.5
Two, 3.5 dia.
78±0.5
Three, M3
150±0.5
13±0.5
117±0.5
Three, 3.5 dia.
18±0.5
9.5±0.5
Note:
The figure shows a 100-W Power Supply.
A 75-W Power Supply has 5 terminals.
Side: Three, M3 (Depth: 6 mm max.)
Bottom: Four, M3 (Depth: 5 mm max.)
Seven, M3.5
3.5 dia.
(12)
97±1
85.5±0.5
80±0.5
38±1
13±0.5
28.5
190±0.5
157±0.5
22
28.5
19.5
8.2
9.5
192.5±0.5
120±0.5
199±1
62
4.5
6.5
5.25
7.5
3.5
3.5
10
18±0.5
3.5 dia.
S8FS-C150
J (150 W)
Panel mounting hole dimensions
Using the
mounting holes in
the Power Supply
Using the screw
holes in the Power
Supply
Bottom
mounting
Side
mounting
Two, M3
192.5 ±0.5
85.5±0.5
Four, 3.5 dia.
120±0.5
80±0.5
Three, M3
190±0.5
13±0.5
157±0.5
Three, 3.5 dia.
18±0.5
8.5±0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com