Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8FS-C Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # S8FS-C
Description  Switch Mode Power Supply (15/25/35/50/75/100/150/200/350-W Models)S8FS-C
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8FS-C Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button S8FS-C Datasheet HTML 15Page - Omron Electronics LLC S8FS-C Datasheet HTML 16Page - Omron Electronics LLC S8FS-C Datasheet HTML 17Page - Omron Electronics LLC S8FS-C Datasheet HTML 18Page - Omron Electronics LLC S8FS-C Datasheet HTML 19Page - Omron Electronics LLC S8FS-C Datasheet HTML 20Page - Omron Electronics LLC S8FS-C Datasheet HTML 21Page - Omron Electronics LLC S8FS-C Datasheet HTML 22Page - Omron Electronics LLC S8FS-C Datasheet HTML 23Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
S8FS-C
19
Overload Protection
The load and the Power Supply are automatically protected from
short-circuit currents and overcurrent damage by this function.
Overload protection is activated if the output current rises above
105% of the rated current.
When the output current returns within the rated range, the overload
protection is automatically cleared.
The values shown in the above diagrams are for reference only.
Note: 1. If the Power Supply has been short-circuited or supplied
with an overcurrent longer than 10 seconds, the internal
parts of the Power Supply may occasionally deteriorate or
be damaged.
2. Internal parts may possibly deteriorate or be damaged if the
Power Supply is used for applications with frequent inrush
current or overloading at the load end. Do not use the Power
Supply for such applications.
Overvoltage Protection
Consider the possibility of an overvoltage and design the system so
that the load will not be subjected to an excessive voltage even if the
feedback circuit in the Power Supply fails. When an excessive voltage
that is 115% of the rated voltage or more is output, the output voltage
is shut OFF, preventing damage to the load due to overvoltage. Reset
the input power by turning it OFF for at least three minutes and then
turning it back ON again.
The values shown in the above diagrams are for reference only.
Note: Do not turn ON the power again until the cause of the
overvoltage has been removed.
Overheat Protection (S8FS-C350
 Only)
If the internal temperature rises excessively as a result of fan failure
or any other reason, the overheat protection circuit will operate to
protect internal elements. Reset the input power by turning it OFF for
at least three minutes and then turning it back ON again.
Intermittent
operation
Output current (%)
0
100
50
Overvoltage protection operating
Variable range
Rated output
voltage
+10%
−10%
0 V
+30%
(approx.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com