Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F16-E/SSQTP Datasheet(PDF) 27 Page - Microchip Technology

Part # PIC16F16-E/SSQTP
Description  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-E/SSQTP Datasheet(HTML) 27 Page - Microchip Technology

Back Button PIC16F16-E/SSQTP Datasheet HTML 23Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 24Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 25Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 26Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 27Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 28Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 29Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 30Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 136 page
background image
© 2007 Microchip Technology Inc.
DS41206B-page 25
PIC16F716
FIGURE 3-10:
BLOCK DIAGRAM OF RB7/P1D PIN
TABLE 3-2:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTB
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
uuuu uuuu
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
1111 1111
1111 1111
OPTION_REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
Legend:
x
= unknown, u = unchanged. Shaded cells are not used by PORTB.
Data Latch
From other
RBPU(1)
P
VDD
Q
D
CK
Q
D
CK
QD
EN
QD
EN
DATA BUS
WR PORTB
WR TRISB
Set RBIF
TRIS Latch
RD TRISB
RD PORTB
RB<7:4> pins
weak
pull-up
RD PORTB
Latch
TTL
Buffer
Q3
Q1
Note
1:
To enable weak pull-ups,
set the appropriate TRIS
bit(s) and clear the RBPU
bit of the OPTION register.
VSS
VDD
RB7/P1D
0
1
Q
PWMD(P1D) Enable
PWMD(P1D) Data out
PWMD(P1D) Auto-shutdown tri-state
ST
Buffer
ICSPD – In-Circuit Serial Programming™ Data Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com