Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F16-E/SSQTP Datasheet(PDF) 40 Page - Microchip Technology

Part # PIC16F16-E/SSQTP
Description  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-E/SSQTP Datasheet(HTML) 40 Page - Microchip Technology

Back Button PIC16F16-E/SSQTP Datasheet HTML 36Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 37Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 38Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 39Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 40Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 41Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 42Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 43Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 136 page
background image
PIC16F716
DS41206B-page 38
© 2007 Microchip Technology Inc.
7.1
ADC Configuration
When configuring and using the ADC the following
functions must be considered:
• Port configuration
• Channel selection
• ADC voltage reference selection
• ADC conversion clock source
• Interrupt control
7.1.1
PORT CONFIGURATION
The ADC can be used to convert both analog and digital
signals. When converting analog signals, the I/O pin
should be configured for analog by setting the associated
TRIS and ADCON1 bits. See the corresponding Port
section for more information.
7.1.2
CHANNEL SELECTION
The CHS bits of the ADCON0 register determine which
channel is connected to the sample and hold circuit.
When changing channels, a delay is required before
starting the next conversion. Refer to Section 7.2
“ADC Operation” for more information.
7.1.3
ADC VOLTAGE REFERENCE
The PCFG bits of the ADCON0 register provide
independent control of the positive voltage reference.
The positive voltage reference can be either VDD or an
external voltage source.
7.1.4
CONVERSION CLOCK
The source of the conversion clock is software select-
able via the ADCS bits of the ADCON0 register. There
are four possible clock options:
•FOSC/2
•FOSC/8
•FOSC/32
•FRC (dedicated internal oscillator)
The time to complete one bit conversion is defined as
TAD. One full 8-bit conversion requires 9.5 TAD periods.
For correct conversion, the appropriate TAD specification
must be met. See A/D conversion requirements in
Section 12.0 “Electrical Characteristics” for more
information. Table 7-1 gives examples of appropriate
ADC clock selections.
TABLE 7-1:
TAD vs. DEVICE OPERATING FREQUENCIES
Note:
Analog voltages on any pin that is defined
as a digital input may cause the input
buffer to conduct excess current.
Note:
Unless using the FRC, any changes in the
system clock frequency will change the
ADC
clock
frequency,
which
may
adversely affect the ADC result.
AD Clock Source (TAD)
Device Frequency
Operation
ADCS<1:0>
20 MHz
5 MHz
1.25 MHz
333.33 kHz
2TOSC
00
100 ns(2)
400 ns(2)
1.6
μs6 μs
8TOSC
01
400 ns(2)
1.6
μs6.4 μs
24
μs(3)
32 TOSC
10
1.6
μs6.4 μs
25.6
μs(3)
96
μs(3)
RC
11
2-6
μs(1), (4)
2-6
μs(1), (4)
2-6
μs(1), (4)
2-6
μs(1)
Legend: Shaded cells are outside of recommended range.
Note 1:
The RC source has a typical TAD time of 4
μs.
2:
These values violate the minimum required TAD time.
3:
For faster conversion times, the selection of another clock source is recommended.
4:
When device frequency is greater than 1 MHz, the RC A/D conversion clock source is recommended for
Sleep operation only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com