Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F16-E/SSQTP Datasheet(PDF) 65 Page - Microchip Technology

Part # PIC16F16-E/SSQTP
Description  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-E/SSQTP Datasheet(HTML) 65 Page - Microchip Technology

Back Button PIC16F16-E/SSQTP Datasheet HTML 61Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 62Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 63Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 64Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 65Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 66Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 67Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 68Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 136 page
background image
© 2007 Microchip Technology Inc.
DS41206B-page 63
PIC16F716
9.2
Oscillator Configurations
9.2.1
OSCILLATOR TYPES
The PIC16F716 can be operated in four different
oscillator modes. The user can program two Configura-
tion bits (FOSC1 and FOSC0) to select one of these
four modes:
• LP – Low-power Crystal
• XT – Crystal/Resonator
• HS – High-speed Crystal/Resonator
• RC – Resistor/Capacitor
9.2.2
CRYSTAL OSCILLATOR/CERAMIC
RESONATORS
In XT, LP or HS modes, a crystal or ceramic resonator
is connected to the OSC1/CLKIN and OSC2/CLKOUT
pins
to
establish
oscillation
(Figure 9-1).
The
PIC16F716 oscillator design requires the use of a
parallel cut crystal. Use of a series cut crystal may give
a frequency out of the crystal manufacturers
specifications. When in XT, LP or HS modes, the
device can have an external clock source to drive the
OSC1/CLKIN pin (Figure 9-2).
FIGURE 9-1:
CRYSTAL/CERAMIC
RESONATOR OPERATION
(HS, XT OR LP
OSC CONFIGURATION)
FIGURE 9-2:
EXTERNAL CLOCK INPUT
OPERATION (HS, XT OR
LP OSC
CONFIGURATION)
TABLE 9-1:
CERAMIC RESONATORS
TABLE 9-2:
CAPACITOR SELECTION FOR
CRYSTAL OSCILLATOR
Note 1:
See Table 9-1 and Table 9-2 for
recommended values of C1 and C2.
2:
A series resistor (RS) may be required.
3:
RF varies with the crystal chosen.
C1(1)
C2(1)
XTAL
OSC2
OSC1
RF(3)
Sleep
To
logic
PIC16F716
RS(2)
internal
OSC1
OSC2
Open
Clock from
ext. system
PIC16F716
Ranges Tested:
Mode
Freq
OSC1 (C1)
OSC2 (C2)
XT
455 kHz
2.0 MHz
68-100 pF
15-68 pF
68-100 pF
15-68 pF
HS
4.0 MHz
8.0 MHz
16.0 MHz
10-68 pF
15-68 pF
10-22 pF
10-68 pF
15-68 pF
10-22 pF
Note 1: These values are for design guidance
only. See notes at bottom of page.
Osc Type
Crystal
Freq
Cap. Range
C1
Cap. Range
C2
LP
32 kHz
15-33 pF
15-33 pF
200 kHz
5-10 pF
5-10 pF
XT
200 kHz
47-68 pF
47-68 pF
1 MHz
15-33 pF
15-33 pF
4 MHz
15-33 pF
15-33 pF
HS
4 MHz
15-33 pF
15-33 pF
8 MHz
15-33 pF
15-33 pF
20 MHz
15-33 pF
15-33 pF
Note 1:
These values are for design guidance only.
See notes at bottom of page.
Note 1: Higher capacitance increases the stability
of the oscillator, but also increases the
start-up time.
2: Since each resonator/crystal has its own
characteristics, the user should consult
the resonator/crystal manufacturer for
appropriate
values
of
external
components.
3: RS may be required to avoid overdriving
crystals with low drive level specification.
4: When using an external clock for the
OSC1 input, loading of the OSC2 pin
must be kept to a minimum by leaving the
OSC2 pin unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com