Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F16-E/SSQTP Datasheet(PDF) 93 Page - Microchip Technology

Part # PIC16F16-E/SSQTP
Description  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-E/SSQTP Datasheet(HTML) 93 Page - Microchip Technology

Back Button PIC16F16-E/SSQTP Datasheet HTML 89Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 90Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 91Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 92Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 93Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 94Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 95Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 96Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 136 page
background image
© 2007 Microchip Technology Inc.
DS41206B-page 91
PIC16F716
12.0 ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(†)
Ambient temperature under bias......................................................................................................... .-55°C to +125°C
Storage temperature ........................................................................................................................... -65°C to +150°C
Voltage on any pin with respect to VSS (except VDD, MCLR, and RA4) ....................................... -0.3V to (VDD +0.3V)
Voltage on VDD with respect to VSS ...................................................................................................... -0.3V to +7.5V
Voltage on MCLR with respect to VSS (Note 2) ...................................................................................... 0V to +13.25V
Voltage on RA4 with respect to Vss ............................................................................................................ 0V to +8.5V
Total power dissipation (Note 1) (PDIP and SOIC)................................................................................................ 1.0W
Total power dissipation (Note 1) (SSOP) ............................................................................................................. 0.65W
Maximum current out of VSS pin ........................................................................................................................ 300 mA
Maximum current into VDD pin ...........................................................................................................................250 mA
Input clamp current, IIK (VI < 0 or VI > VDD)
...................................................................................................................±20 mA
Output clamp current, IOK (VO < 0 or VO > VDD)
...........................................................................................................±20 mA
Maximum output current sunk by any I/O pin....................................................................................................... 25 mA
Maximum output current sourced by any I/O pin ................................................................................................. 25 mA
Maximum current sunk by PORTA and PORTB (combined).............................................................................. 200 mA
Maximum current sourced by PORTA and PORTB (combined) ........................................................................ 200mA
Note 1: Power dissipation is calculated as follows: Pdis = VDD x {IDD -
∑ IOH} + ∑ {(VDD-VOH) x IOH} + ∑(VOl x IOL)
2: Voltage spikes below VSS at the MCLR/VPP pin, inducing currents greater than 80 mA, may cause latch-up.
Thus, a series resistor of 50-100
Ω should be used when applying a “low” level to the MCLR/VPP pin rather
than pulling this pin directly to VSS.
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com