Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F16-E/SOSQTP Datasheet(PDF) 23 Page - Microchip Technology

Part # PIC16F16-E/SOSQTP
Description  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-E/SOSQTP Datasheet(HTML) 23 Page - Microchip Technology

Back Button PIC16F16-E/SOSQTP Datasheet HTML 19Page - Microchip Technology PIC16F16-E/SOSQTP Datasheet HTML 20Page - Microchip Technology PIC16F16-E/SOSQTP Datasheet HTML 21Page - Microchip Technology PIC16F16-E/SOSQTP Datasheet HTML 22Page - Microchip Technology PIC16F16-E/SOSQTP Datasheet HTML 23Page - Microchip Technology PIC16F16-E/SOSQTP Datasheet HTML 24Page - Microchip Technology PIC16F16-E/SOSQTP Datasheet HTML 25Page - Microchip Technology PIC16F16-E/SOSQTP Datasheet HTML 26Page - Microchip Technology PIC16F16-E/SOSQTP Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 136 page
background image
© 2007 Microchip Technology Inc.
DS41206B-page 21
PIC16F716
3.2
PORTB and the TRISB Register
PORTB is an 8-bit wide bidirectional port. The
corresponding data direction register is TRISB. Setting
a TRISB bit (= 1) will make the corresponding PORTB
pin an input (i.e., put the corresponding output driver in
a High-Impedance mode). Clearing a TRISB bit (= 0)
will make the corresponding PORTB pin an output (i.e.,
put the contents of the output latch on the selected pin).
EXAMPLE 3-2:
INITIALIZING PORTB
Each of the PORTB pins has a weak internal pull-up. A
single control bit can turn on all the pull-ups. This is
performed by clearing bit RBPU of the OPTION regis-
ter. The weak pull-up is automatically turned off when
the port pin is configured as an output. The pull-ups are
disabled on a Power-on Reset.
FIGURE 3-3:
BLOCK DIAGRAM OF
RB0/INT/ECCPAS2 PIN
When enabling peripheral functions, care should be
taken in defining TRIS bits for each PORTB pin. Some
peripherals override the TRIS bit to make a pin an
output, while other peripherals override the TRIS bit to
make a pin an input. Since the TRIS bit override is in
effect while the peripheral is enabled, read-modify-
write instructions (such as BSF, BCF, XORWF) with
TRISB as the destination should be avoided. The user
should refer to the corresponding peripheral section for
the correct TRIS bit settings.
Four of PORTB’s pins, RB<7:4>, have an interrupt-on-
change feature. Only pins configured as inputs can
cause this interrupt to occur (i.e., any RB<7:4> pin
configured as an output is excluded from the interrupt-
on-change comparison). The input pins, RB<7:4>, are
compared with the old value latched on the last read of
PORTB. The “mismatch” outputs of RB<7:4> are
OR’ed together to generate the RB Port Change
Interrupt with flag bit RBIF of the INTCON register.
This interrupt can wake the device from Sleep. The
user, in the Interrupt Service Routine, can clear the
interrupt in the following manner:
1.
Perform a read of PORTB to end the mismatch
condition.
2.
Clear flag bit RBIF.
A mismatch condition will continue to set flag bit RBIF.
Reading PORTB will end the mismatch condition and
allow flag bit RBIF to be cleared.
The interrupt-on-change feature is recommended for
wake-up on key depression operation and operations
where PORTB is only used for the interrupt-on-change
feature. Polling of PORTB is not recommended while
using the interrupt-on-change feature.
BCF
STATUS, RP0
;select Bank 0
CLRF
PORTB
;Initialize PORTB by
;clearing output
;data latches
BSF
STATUS, RP0
;Select Bank 1
MOVLW
0xCF
;Value used to
;initialize data
;direction
MOVWF
TRISB
;Set RB<3:0> as inputs
;RB<5:4> as outputs
;RB<7:6> as inputs
Data Latch
RBPU(1)
P
VDD
Q
D
CK
Q
D
CK
QD
EN
DATA
WR
WR
RD TRIS
RD PORT
weak
pull-up
RD PORT
RB0/INT
TTL
Input
Buffer
Schmitt Trigger
Buffer
TRIS Latch
Note
1:
To enable weak pull-ups, set the appropriate TRIS
bit(s) and clear the RBPU bit (OPTION register).
VSS
VDD
BUS
PORT
TRIS
ECCPAS2: ECCP Auto-shutdown input
RB0/
INT/
ECCPAS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com