Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F16-E/SOSQTP Datasheet(PDF) 64 Page - Microchip Technology

Part # PIC16F16-E/SOSQTP
Description  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-E/SOSQTP Datasheet(HTML) 64 Page - Microchip Technology

Back Button PIC16F16-E/SOSQTP Datasheet HTML 60Page - Microchip Technology PIC16F16-E/SOSQTP Datasheet HTML 61Page - Microchip Technology PIC16F16-E/SOSQTP Datasheet HTML 62Page - Microchip Technology PIC16F16-E/SOSQTP Datasheet HTML 63Page - Microchip Technology PIC16F16-E/SOSQTP Datasheet HTML 64Page - Microchip Technology PIC16F16-E/SOSQTP Datasheet HTML 65Page - Microchip Technology PIC16F16-E/SOSQTP Datasheet HTML 66Page - Microchip Technology PIC16F16-E/SOSQTP Datasheet HTML 67Page - Microchip Technology PIC16F16-E/SOSQTP Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 136 page
background image
PIC16F716
DS41206B-page 62
© 2007 Microchip Technology Inc.
REGISTER 9-1:
CONFIG: CONFIGURATION WORD REGISTER
—
—
CP(2)
—
—
—
—
—
bit 15
bit 8
BORV
BOREN(1)
—
—PWRTE
WDTE
FOSC1
FOSC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
P = Programmable’
U = Unimplemented bit,
read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
Unimplemented: Read as ‘1’
bit 13
CP: Code Protection bit(2)
1
= Program memory code protection is disabled
0
= Program memory code protection is enabled
bit 12-8
Unimplemented: Read as ‘1’
bit 7
BORV: Brown-out Reset Voltage bit
1
= VBOR set to 4.0V
0
= VBOR set to 2.5V
bit 6
BOREN: Brown-out Reset Selection bits(1)
1
= BOR enabled
0
= BOR disabled
bit 5-4
Unimplemented: Read as ‘1’
bit 3
PWRTE: Power-up Timer Enable bit(1)
1
= PWRT disabled
0
= PWRT enabled
bit 2
WDTE: Watchdog Timer Enable bit
1
= WDT enabled
0
= WDT disabled
bit 1-0
FOSC<2:0>: Oscillator Selection bits
11
= RC oscillator
10
= HS oscillator
01
= XT oscillator
00
= LP oscillator
Note 1:
Enabling Brown-out Reset does not automatically enable Power-up Timer.
2:
The entire program memory will be erased when the code protection is turned off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com