Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F16-E/SOSQTP Datasheet(PDF) 97 Page - Microchip Technology

Part # PIC16F16-E/SOSQTP
Description  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-E/SOSQTP Datasheet(HTML) 97 Page - Microchip Technology

Back Button PIC16F16-E/SOSQTP Datasheet HTML 93Page - Microchip Technology PIC16F16-E/SOSQTP Datasheet HTML 94Page - Microchip Technology PIC16F16-E/SOSQTP Datasheet HTML 95Page - Microchip Technology PIC16F16-E/SOSQTP Datasheet HTML 96Page - Microchip Technology PIC16F16-E/SOSQTP Datasheet HTML 97Page - Microchip Technology PIC16F16-E/SOSQTP Datasheet HTML 98Page - Microchip Technology PIC16F16-E/SOSQTP Datasheet HTML 99Page - Microchip Technology PIC16F16-E/SOSQTP Datasheet HTML 100Page - Microchip Technology PIC16F16-E/SOSQTP Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 136 page
background image
© 2007 Microchip Technology Inc.
DS41206B-page 95
PIC16F716
12.3
DC Characteristics: PIC16F716 (Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +125°C
Param
No.
Sym
Characteristic
Min
Typ† Max Units VDD
Conditions
VDD
Supply Voltage
D001
3.0
—
5.5
V
—
D010E
IDD
Supply Current
—21
28
μA3.0 FOSC = 32 kHz
LP Oscillator mode
—38
63.7
μA5.0
D011E
—
182
250
μA3.0 FOSC = 1 MHz
XT Oscillator mode
—
293
370
μA5.0
D012E
—
371
470
μA3.0 FOSC = 4 MHz
XT Oscillator mode
—
668
780
μA5.0
D013E
—2.6
2.9
mA
4.5
FOSC = 20 MHz
HS Oscillator mode
—3
3.3
mA
5.0
D020E
IPD
Power-down Base Current
—0.1
11
μA
3.0
WDT, BOR and T1OSC: disabled
—0.2
15
μA5.0
D021E
Peripheral Module Current(1)
—2
19
μA
3.0
WDT Current
—9
22
μA5.0
D022E
—37
60
μA3.0
—40
71
μA
4.5
BOR Current
—45
76
μA5.0
D025E
—2.6
20
μA3.0 T1OSC Current
—3.0
25
μA5.0
† Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
The peripheral current is the sum of the base IDD or IPD and the additional current consumed when this
peripheral is enabled. The peripheral “
Δ” current can be determined by subtracting the base IDD or IPD
current from this limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com