Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F16-E/SOSQTP Datasheet(PDF) 135 Page - Microchip Technology

Part # PIC16F16-E/SOSQTP
Description  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-E/SOSQTP Datasheet(HTML) 135 Page - Microchip Technology

Back Button PIC16F16-E/SOSQTP Datasheet HTML 128Page - Microchip Technology PIC16F16-E/SOSQTP Datasheet HTML 129Page - Microchip Technology PIC16F16-E/SOSQTP Datasheet HTML 130Page - Microchip Technology PIC16F16-E/SOSQTP Datasheet HTML 131Page - Microchip Technology PIC16F16-E/SOSQTP Datasheet HTML 132Page - Microchip Technology PIC16F16-E/SOSQTP Datasheet HTML 133Page - Microchip Technology PIC16F16-E/SOSQTP Datasheet HTML 134Page - Microchip Technology PIC16F16-E/SOSQTP Datasheet HTML 135Page - Microchip Technology PIC16F16-E/SOSQTP Datasheet HTML 136Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 135 / 136 page
background image
© 2007 Microchip Technology Inc.
DS41206B-page 133
PIC16F716
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device:
PIC16F716(1), PIC16F716T(2);
VDD range 2.0V to 5.5V
Temperature Range:
I= -40
°C to +85°C
(Industrial)
E= -40
°C to +125°C
(Extended)
Package:
SO
=
SOIC
P=
PDIP
SS
=
SSOP
Pattern:
QTP, SQTP, Code or Special Requirements
(blank otherwise)
Examples:
a)
PIC16F716 - I/L 301 = Industrial temp., PDIP
package, QTP pattern #301.
b)
PIC16F716 - E/SO = Extended temp., SOIC
package.
Note 1:
F
= Standard Voltage Range
LF = Wide Voltage Range
2:
T
= in tape and reel SOIC and SSOP
packages only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com