Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM442 Datasheet(PDF) 3 Page - Analog Microelectronics

Part # AM442
Description  STROM-WANDLER-IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM442 Datasheet(HTML) 3 Page - Analog Microelectronics

  AM442 Datasheet HTML 1Page - Analog Microelectronics AM442 Datasheet HTML 2Page - Analog Microelectronics AM442 Datasheet HTML 3Page - Analog Microelectronics AM442 Datasheet HTML 4Page - Analog Microelectronics AM442 Datasheet HTML 5Page - Analog Microelectronics AM442 Datasheet HTML 6Page - Analog Microelectronics AM442 Datasheet HTML 7Page - Analog Microelectronics AM442 Datasheet HTML 8Page - Analog Microelectronics AM442 Datasheet HTML 9Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STROM–WANDLER–IC
AM442
analog microelectronics
August 2001
3/9
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Instrumentation Amplifier
Adjustable Gain
GIA
15
Differential Input Voltage Range
VIN
SET = GND
0
580/GIA
mV
Common Mode Input Range
CMIR
VCC < 9V, ICV < 2mA
1.5
VCC – 3
V
CMIR
VCC ≥ 9V, ICV < 2mA
1.5
6.0
V
Common Mode Rejection Ratio
CMRR
80
90
dB
Power Supply Rejection Ratio
PSRR
80
90
dB
Offset Voltage
VOS
±
1
±
3mV
VOS vs. Temperature
dVOS/dT
±
5µV/°C
Input Bias Current
IB
820
nA
IB vs. Temperature
dIB/dT
615
pA/°C
Input Offset Current
IOS
0.2
nA
IOS vs. Temperature
dIOS/dT
0.8
pA/°C
Output Voltage Range FS
VOUTFS
VOUTFS = VGAIN+ – VGAIN–
400
500
580
mV
Load Capacitance
CL
250
pF
V/I Converter
Internal Gain
GVI
1.00
Trim Range
adjustable by R0
0.75
1.00
1.25
Voltage Range at R0 FS
VR0FS
400
500
580
mV
Offset Voltage
VOS
β
F ≥ 100
±
2
±
4mV
VOS vs. Temperature
dVOS/dT
β
F ≥ 100
±
7
±
14
µV/°C
Output Offset Current
IOUTOS
3–wire operation
–25
–35
µA
IOUTOS vs. Temperature
dIOUTOS/dT
3–wire operation
16
26
nA/°C
Output Offset Current
IOUTOS
2–wire operation
9.5
14
µA
IOUTOS vs. Temperature
dIOUTOS/dT
2–wire operation
6
8
nA/°C
Output Control Current
IOUTC
2–wire operation, VR0/100mV
6
8
µA
IOUTC vs. Temperature
dIOUTC/dT
2–wire operation
–10
–15
nA/°C
Output Voltage Range
VOUT
VOUT = RL IOUT, VCC < 18V
0
VCC – 6
V
VOUT
VOUT = RL IOUT, VCC ≥ 18V
012
V
Output Current Range FS
IOUTFS
IOUT = VR0/R0, 3–wire operation
20
mA
Output Resistance
ROUT
0.5
1.0
M
Ω
Load Capacitance
CL
0
500
nF
Protection Functions
Voltage Limitation at R0
VLIMR0
VR0 = VIN GIA, SET = GND
580
640
700
mV
Limitation Switch-Off
DIS
DIS = VREF, SET = GND
VIN GIA
mV
VLIMR0
VIN = 0, VR0 = VSET/2
580
635
690
mV
Temperature Limitation
TLIMIT
110
130
150
°C
Protection against reverse polarity
Ground vs. VS vs. IOUT
35
V
Current in case of reverse polarity
Ground = 35V, VS = IOUT = 0
4.5
mA
System Parameters
Nonlinearity
ideal input
0.05
0.15
%FS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com