Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM442 Datasheet(PDF) 7 Page - Analog Microelectronics

Part # AM442
Description  STROM-WANDLER-IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM442 Datasheet(HTML) 7 Page - Analog Microelectronics

  AM442 Datasheet HTML 1Page - Analog Microelectronics AM442 Datasheet HTML 2Page - Analog Microelectronics AM442 Datasheet HTML 3Page - Analog Microelectronics AM442 Datasheet HTML 4Page - Analog Microelectronics AM442 Datasheet HTML 5Page - Analog Microelectronics AM442 Datasheet HTML 6Page - Analog Microelectronics AM442 Datasheet HTML 7Page - Analog Microelectronics AM442 Datasheet HTML 8Page - Analog Microelectronics AM442 Datasheet HTML 9Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
STROM–WANDLER–IC
AM442
analog microelectronics
August 2001
7/9
PINOUT
1
2
3
4
5
6
7
8
9
10
11
12
14
13
16
15
RS+
VCC
RS
−
CVREF
CVSET
SET
IN
−
DIS
GND
VSET
GAIN+
GAIN
GAIN
−
IN+
VREF
OUT
Abbildung 6
LIEFERFORMEN
Der AM442 ist lieferbar als:
• 16-Pin-DIL
• SO16 (n) (Maximale Verlustleistung P
D = 300mW)
• Dice auf 5“ Dehnfolie aufgespannt
GEHÄUSEABMESSUNGEN SO16 (n)
PIN
NAME
BEDEUTUNG
1
RS+
Senswiderstand +
2
VCC
Versorgungsspannung
3
RS–
Senswiderstand –
4
OUT
Ausgang
5
CVREF
Strom–/Spannungsreferenz
6
CVSET
Einstellen Strom–/Spannungsreferenz
7
SET
Einstellen des Ausgangsoffsetstroms
8
IN–
Negativer Eingang
9
IN+
Positiver Eingang
10
GAIN–
Einstellen der Verstärkung
11
GAIN
Einstellen der Verstärkung
12
GAIN+
Einstellen der Verstärkung
13
VSET
Wahl der Referenzspannung
14
GND
IC–Masse
15
VREF
Ausgang Referenzspannungsquelle
16
DIS
Einstellen Ausgangsstufe
1
16
8
0°-10°
≥ 0,3
6,2 ± 0,2
4,0 + 0,2 - 0,1
0,2 ± 0,05
1,27
≤ 2,00
10,06 ± 0,1
0,42 ± 0,07
≤ 0,635
1,45 ± 0,1
0,2 ± 0,1
Abbildung 7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com