Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H838024 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 43Page - Renesas Technology Corp H838024 Datasheet HTML 44Page - Renesas Technology Corp H838024 Datasheet HTML 45Page - Renesas Technology Corp H838024 Datasheet HTML 46Page - Renesas Technology Corp H838024 Datasheet HTML 47Page - Renesas Technology Corp H838024 Datasheet HTML 48Page - Renesas Technology Corp H838024 Datasheet HTML 49Page - Renesas Technology Corp H838024 Datasheet HTML 50Page - Renesas Technology Corp H838024 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 697 page
background image
Section 1 Overview
Rev. 7.00 Mar 10, 2005 page 5 of 652
REJ09B0042-0700
Item
Specification
Serial
communication
interface
• SCI3: 8-bit synchronous/asynchronous serial interface
Incorporates multiprocessor communication function
10-bit PWM
Pulse-division PWM output for reduced ripple
• Can be used as a 10-bit D/A converter by connecting to an external low-
pass filter.
A/D converter
Successive approximations using a resistance ladder
• 8-channel analog input pins
• Conversion time: 31/φ or 62/φ per channel
LCD controller/
driver
LCD controller/driver equipped with a maximum of 32 segment pins and four
common pins
• Choice of four duty cycles (static, 1/2, 1/3, or 1/4)
• Segment pins can be switched to general-purpose port function in 4-bit units
Power-on reset
and low-voltage
detect circuits
(H8/38124 Group
only)
Power-on reset circuit
• An internal reset signal can be issued at power-on by connecting an
external capacitor.
Low-voltage detect circuit
• Monitors the power supply voltage and issues an internal reset signal or
interrupt if the voltage goes below or above a specified range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com