Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H838024 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 53Page - Renesas Technology Corp H838024 Datasheet HTML 54Page - Renesas Technology Corp H838024 Datasheet HTML 55Page - Renesas Technology Corp H838024 Datasheet HTML 56Page - Renesas Technology Corp H838024 Datasheet HTML 57Page - Renesas Technology Corp H838024 Datasheet HTML 58Page - Renesas Technology Corp H838024 Datasheet HTML 59Page - Renesas Technology Corp H838024 Datasheet HTML 60Page - Renesas Technology Corp H838024 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 697 page
background image
Section 1 Overview
Rev. 7.00 Mar 10, 2005 page 15 of 652
REJ09B0042-0700
63
61
59
57
55
53
51
49
47
45
43
62
60
58
56
54
52
50
48
46
44
42
81
79
77
75
73
71
69
67
65
80
78
76
74
72
70
68
66
64
1
3
5
7
9
11
13
15
17
19
21
23
2
4
6
8
10
12
14
16
18
20
22
24
26
25
28
30
32
34
36 38
40
27
29
31
33
35 37
39
41
Y
X
(0, 0)
Type code
Chip size: 3.84 mm
× 4.24 mm
Voltage level on the back of the chip: GND
: NC pad
Figure 1.6 Bonding Pad Location Diagram of HCD64F38024, HCD64F38024R (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com