Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H838024 Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # H838024
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024 Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button H838024 Datasheet HTML 99Page - Renesas Technology Corp H838024 Datasheet HTML 100Page - Renesas Technology Corp H838024 Datasheet HTML 101Page - Renesas Technology Corp H838024 Datasheet HTML 102Page - Renesas Technology Corp H838024 Datasheet HTML 103Page - Renesas Technology Corp H838024 Datasheet HTML 104Page - Renesas Technology Corp H838024 Datasheet HTML 105Page - Renesas Technology Corp H838024 Datasheet HTML 106Page - Renesas Technology Corp H838024 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 697 page
background image
Section 2 CPU
Rev. 7.00 Mar 10, 2005 page 61 of 652
REJ09B0042-0700
H'0000
H'0029
H'002A
H'7FFF
H'7000
H'F020
H'F02B
H'F740
H'F74F
H'FB80
H'FB7F
H'FF7F
H'FF80
H'FFFF
Interrupt vector area
User area
(1 Kbyte)
On-chip ROM
32 Kbytes
(32768 bytes)
1024 bytes
Internal I/O register
(128 bytes)
(Workarea for reprogramming
flash memory: 1 Kbyte)*
2
Internal I/O register
Not used
Firmware
for on-chip emulator*
1
H'F780
Not used
Not used
LCD RAM (16 bytes)
H'0000
H'0029
H'002A
H'7FFF
H'F740
H'F74F
H'FB80
H'FF7F
H'FF80
H'FFFF
Interrupt vector area
HD64F38024, HD64F38024R, HD64F38124
(flash memory version)
HD64338024 (mask ROM version)
HD64338024S (mask ROM version)
HD64338124 (mask ROM version)
HD64738024 (PROM version)
On-chip ROM
32 Kbytes
(32768 bytes)
1024 bytes
On-chip RAM
Internal I/O register
(128 bytes)
Not used
Not used
LCD RAM (16 bytes)
On-chip RAM
(2 Kbytes)
Notes: 1. Not available to the user if the on-chip emulator is used.
2. Used by the programming control program when programming flash memory. Also, not available to the user
if the on-chip emulator is used.
Figure 2.16(1) H8/38024, H8/38024S, and H8/38124 Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com