Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9062IDDFR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9062IDDFR
Description  TLV906xS 10MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9062IDDFR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV9062IDDFR Datasheet HTML 13Page - Texas Instruments TLV9062IDDFR Datasheet HTML 14Page - Texas Instruments TLV9062IDDFR Datasheet HTML 15Page - Texas Instruments TLV9062IDDFR Datasheet HTML 16Page - Texas Instruments TLV9062IDDFR Datasheet HTML 17Page - Texas Instruments TLV9062IDDFR Datasheet HTML 18Page - Texas Instruments TLV9062IDDFR Datasheet HTML 19Page - Texas Instruments TLV9062IDDFR Datasheet HTML 20Page - Texas Instruments TLV9062IDDFR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 93 page
background image
±120
±100
±80
±60
±40
0.001
0.01
0.1
1
Output Voltage Amplitude (V
RMS)
C019
VS = 5.5V
VCM = 2.5V
RL = 2kΩ
G = –1
BW = 80kHz
f = 1kHz
Figure 5-19. THD + N vs Amplitude
500
520
540
560
580
600
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
C020
Figure 5-20. Quiescent Current vs Supply Voltage
0
100
200
300
400
500
600
700
800
±50
±25
0
25
50
75
100
125
Temperature (ƒC)
C021
Figure 5-21. Quiescent Current vs Temperature
0
40
80
120
160
200
10k
100k
1M
10M
Frequency (Hz)
C024
Figure 5-22. Open-Loop Output Impedance vs
Frequency
0
10
20
30
40
50
60
0
50
100
150
200
250
300
Capacitive Load (pF)
Overshoot+
Overshoot-
C025
V+ = 2.75V
V– = –2.75V
G = +1V/V
VOUT step = 100mVp-p
RL = 10kΩ
Figure 5-23. Small-Signal Overshoot vs Load
Capacitance
0
10
20
30
40
50
60
0
50
100
150
200
250
300
Capacitive Load (pF)
Overshoot(+)
Overshoot(-)
C026
V+ = 2.75V
V– = –2.75V
G = –1V/V
VOUT step = 100mVp-p
RL = 10kΩ
Figure 5-24. Small-Signal Overshoot vs Load
Capacitance
www.ti.com
TLV9061, TLV9062, TLV9064
SBOS839L – MARCH 2017 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TLV9061 TLV9062 TLV9064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com