Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9062IDDFR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9062IDDFR
Description  TLV906xS 10MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9062IDDFR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLV9062IDDFR Datasheet HTML 19Page - Texas Instruments TLV9062IDDFR Datasheet HTML 20Page - Texas Instruments TLV9062IDDFR Datasheet HTML 21Page - Texas Instruments TLV9062IDDFR Datasheet HTML 22Page - Texas Instruments TLV9062IDDFR Datasheet HTML 23Page - Texas Instruments TLV9062IDDFR Datasheet HTML 24Page - Texas Instruments TLV9062IDDFR Datasheet HTML 25Page - Texas Instruments TLV9062IDDFR Datasheet HTML 26Page - Texas Instruments TLV9062IDDFR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 93 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
The TLV906x family features 10MHz bandwidth and 6.5V/µs slew rate with only 538µA of supply current per
channel, providing good AC-performance at very low power consumption. DC applications are well served with a
very low input noise voltage of 10nV/√ Hz at 10kHz, low input bias current, and a typical input offset voltage of
0.3mV.
7.2 Typical Applications
7.2.1 Typical Low-Side Current Sense Application
Figure 7-1 shows the TLV906x configured in a low-side current-sensing application.
Z
LOAD
R
shunt
0.1
V
BUS
5V
R
F
165 k
R
G
3.4 k
V
OUT
I
LOAD
TLV906x
V
SHUNT
Figure 7-1. TLV906x in a Low-Side, Current-Sensing Application
7.2.2 Design Requirements
The design requirements for this design are:
• Load current: 0A to 1A
• Output voltage: 4.95V
• Maximum shunt voltage: 100mV
www.ti.com
TLV9061, TLV9062, TLV9064
SBOS839L – MARCH 2017 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TLV9061 TLV9062 TLV9064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com